Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42R06-3112-250 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R06-3112-250
Description  16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R06-3112-250 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R06-3112-250 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
16/20A IEC 60320 APPL. INLET; SCREW
TERMINALS; SNAP-IN, PANEL MOUNT
42R06-3X1X-XXX
GQ
08/21/01
TD
08/28/01
PB
08/28/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Current rating: 16 A
Voltage rating: 250 VAC
Current rating: 20 A
Voltage rating: 250 VAC
Insulation resistance: 100 Mohm min. at
500 VDC
Dielectric withstanding voltage: 2000 VAC
for one minute
D E
V
36.0±0.2
M3x6.0mm
SCREW TERMINIALS
32.4
28.0±0.2
33.0
+0.2
RECOMMENDED
PANEL CUTOUT
25.0
+0.2
A
+0.2
3.0
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
24.4
21
10.0±0.5
3X 2.00±0.05
6.0±0.1
29.0
+0.5
21.0
+0.5
8.0±0.2
5.0±0.1
13.0±0.2
ORDERING CODE:
42R06-3 __ 1 __ - __ __ __
1
2
3
1) COLOR
1 = BLACK
2 = GRAY
2) ELECTRICAL CIRCUIT
CONFIGURATION
1 = 20A 250V 70°C
2+GROUND
2 = 20A 250V 155°C
2+GROUND
4 = 20A 250V 70°C
2 POLE
3) PANEL THICKNESS
AVAILABLE ON REQUEST
ADDITIONAL PANEL THICKNESS
P/N
42R06-3X1X-250
42R06-3X1X-200
42R06-3X1X-150
2.5
2.0
1.5
A
MAX. PANEL THICKNESS
2.5
2.0
1.5
R4.5
+0.2
TYP.
RoHS
COMPLIANT


Similar Part No. - 42R06-3112-250

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R06-1111 POWERDYNAMICS-42R06-1111 Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R06-1112 POWERDYNAMICS-42R06-1112 Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R06-1114 POWERDYNAMICS-42R06-1114 Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R06-1211 POWERDYNAMICS-42R06-1211 Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R06-1212 POWERDYNAMICS-42R06-1212 Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
More results

Similar Description - 42R06-3112-250

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R07-3X2X-XXX POWERDYNAMICS-42R07-3X2X-XXX Datasheet
41Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
42R06-1X1X POWERDYNAMICS-42R06-1X1X Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
42R06-2X1X POWERDYNAMICS-42R06-2X1X Datasheet
46Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; CROSS FLANGE, PANEL MOUNT
43R07-31X1-XXX POWERDYNAMICS-43R07-31X1-XXX Datasheet
48Kb / 1P
   16/20A IEC 60320 APPL. OUTLET; QC TERMINALS; PANEL MOUNT; SNAP-IN
42R07-1X2X POWERDYNAMICS-42R07-1X2X Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
42R08-1X2X POWERDYNAMICS-42R08-1X2X Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
42R07-2X2X POWERDYNAMICS-42R07-2X2X Datasheet
38Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; CROSS FLANGE PANEL MOUNT
42R08-2X2X POWERDYNAMICS-42R08-2X2X Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER
42R31-3X1X-XXX POWERDYNAMICS-42R31-3X1X-XXX Datasheet
48Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SCREW TERMINALS; SNAP-IN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com