Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR16-103JB Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # PCR16-103JB
Description  High Power Type Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

PCR16-103JB Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  PCR16-103JB Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD PCR16-103JB Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
PCR**
PCR**
PCR**
PCR**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Design・specification are subject to change without prior notice. Please check before purchase and use.
PCR16
0.33
J (±5.0%)
10~1M
(E-24)
±200
150V
200V
Model No.
Rated power (W)
Tolerance
Range (Ω)
TCR (ppm/℃)
Max.Overload Voltage
PCR16
1.60±0.15
0.80 +0.20/-0.10 0.50 +0.15/-0.05
0.25±0.20
0.25±0.20
(Unit: mm)
Model No.
L
W
t
c
d
Max.Working Voltage
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
excellent
excellent
excellent
excellent
original elements, structure utilized
original elements, structure utilized
original elements, structure utilized
original elements, structure utilized
HDK
HDK
HDK
HDK
surge/pulse
surge/pulse
surge/pulse
surge/pulse
KV applied test (new
KV applied test (new
KV applied test (new
KV applied test (new
15
15
15
15
±
±
±
±
chip resistor. On ESD
chip resistor. On ESD
chip resistor. On ESD
chip resistor. On ESD
durability,
durability,
durability,
durability,
JASO condition),
JASO condition),
JASO condition),
JASO condition), durability within
durability within
durability within
durability within ±
±
±
±5
5%
% of resistance change
of resistance change
of resistance change
of resistance change
was achieved
was achieved
was achieved
was achieved on
on
on
on 2012
2012
2012
2012 size.
size.
size.
size.
is possible.
is possible.
is possible.
is possible.
rating guarantee
rating guarantee
rating guarantee
rating guarantee
Industry highest
Industry highest
Industry highest
Industry highest
Since
Since
Since
Since 0.33
0.33
0.33
0.33W (
W (
W (
W (3225
3225
3225
3225 size equivalent) is guaranteed with
size equivalent) is guaranteed with
size equivalent) is guaranteed with
size equivalent) is guaranteed with 1608
1608
1608
1608
size, reduction of parts count (man
size, reduction of parts count (man
size, reduction of parts count (man
size, reduction of parts count (man-
--
-hour control) and VA by
hour control) and VA by
hour control) and VA by
hour control) and VA by
size
size
size
size-
--
-down (reduction of parts cost and mounting area) is
down (reduction of parts cost and mounting area) is
down (reduction of parts cost and mounting area) is
down (reduction of parts cost and mounting area) is
possible.
possible.
possible.
possible.
■Compared to normal chip resistor (same size),
Compared to normal chip resistor (same size),
Compared to normal chip resistor (same size),
Compared to normal chip resistor (same size),
High Power Type Chip Resistor
103
103
103
103
-
--
-
16
16
16
16
PCR
PCR
PCR
PCR
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
PCR16
1608
103
10KΩ
J
±5.0%
V
Paper tape
B
Bulk
103=10×10
=10,000Ω=10KΩ
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form


Similar Part No. - PCR16-103JB

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
PCR16 HOKURIKU-PCR16 Datasheet
429Kb / 2P
   Surge Current Type High Power Chip Resistor
logo
GOOD-ARK Electronics
PCR160 GOOD-ARK-PCR160 Datasheet
150Kb / 2P
   Peak Clamp Rectifiers
More results

Similar Description - PCR16-103JB

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
PCR16 HOKURIKU-PCR16 Datasheet
429Kb / 2P
   Surge Current Type High Power Chip Resistor
logo
KOA Speer Electronics, ...
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
PSBTTEB KOA-PSBTTEB Datasheet
86Kb / 2P
   chip type power shunt resistor
PSB KOA-PSB Datasheet
358Kb / 2P
   chip type power shunt resistor
logo
HOKURIKU ELECTRIC INDUS...
HCR20-105JV HOKURIKU-HCR20-105JV Datasheet
157Kb / 1P
   High Voltage Type Chip Resistor
logo
List of Unclassifed Man...
BP2525 ETC-BP2525 Datasheet
181Kb / 2P
   High Power Chip Resistor
1980
logo
HOKURIKU ELECTRIC INDUS...
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
logo
Bourns Electronic Solut...
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
   High Power Current Sense Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com