Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLCR64-R10JB Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # WLCR64-R10JB
Description  High Power Low Resistance Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

WLCR64-R10JB Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  WLCR64-R10JB Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD WLCR64-R10JB Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Structure
Surface Temperature
For resistors operated in ambient temperature above70 ℃,
power rating must be derated in accordance with the
derating curve.
Surface Temperature
Surface temperature rise is shown in this figure.
Condition : Measured by soldering on glass
cloth base material epoxy resin (t=1.6mm).
Packaging
Refer "Dimension, Packaging, etc."
2
HOKURIKU
Specifications are subject to change without notice
High Power Low Resistance Chip Resistors
L
c
d
W
t
Model No.
L
W
c
d
t
WLCR32
3.20±0.15
1.60±0.15
0.30±0.20
0.50±0.20
0.55
+0.15/-0.05
WLCR50
5.00±0.20
2.50±0.20
0.50±0.20
0.60±0.20
0.56±0.15
WLCR64
6.30±0.20
3.20±0.20
0.50±0.20
0.90±0.20
0.56±0.15
③④ ⑤
Symbol
Material List
Ceramic Substrate
Conductor
Resistor
Over coat
Marking
Side Electrode
100
0
80
60
40
20
-55℃
0℃
70℃
155℃
Ambient Temperature(℃)
150
100
50
0
100
200
300
50
Power rating (%)
WLCR50
WLCR64
WLCR32
Unit : mm


Similar Part No. - WLCR64-R10JB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLCR010FE OHMITE-WLCR010FE Datasheet
430Kb / 2P
   Very low inductance
WLCR015FE OHMITE-WLCR015FE Datasheet
120Kb / 1P
   Miniature Wirewound Current Sense
WLCR015FE OHMITE-WLCR015FE Datasheet
430Kb / 2P
   Very low inductance
WLCR01FE OHMITE-WLCR01FE Datasheet
120Kb / 1P
   Miniature Wirewound Current Sense
WLCR020FE OHMITE-WLCR020FE Datasheet
430Kb / 2P
   Very low inductance
More results

Similar Description - WLCR64-R10JB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
RLH20FECR200 ETC-RLH20FECR200 Datasheet
457Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com