Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42R34-3121-200 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R34-3121-200
Description  IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R34-3121-200 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R34-3121-200 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
IEC 60320 APPL. INLET AND COMBINATION
FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX
GQ
09/13/01
TD
09/18/01
PB
09/18/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Copper, Tin plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A
Voltage rating: 250 VAC
Insulation resistance: 100 Mohm min. at
500 VDC
Dielectric withstanding voltage: 2000 VAC
for one minute
D E
V
45.5
+0.2
RECOMMENDED
PANEL CUTOUT
20.0
+0.2
14.0±0.2
24.0
+0.5
4.00
3X 2.00±0.05
3X 4.0±0.1
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
230
16.0
+0.5
A
+0.2
29
2.80 TYP.
Ø1.7 TYP.
19
3.00
45.0
49.0±0.2
24.0±0.2
19.4
ORDERING CODE:
42R34-3 __ 2 __ - __ __ __
1
2
3
1) COLOR
1 = BLACK
2 = GRAY
2) ELECTRICAL CIRCUIT
CONFIGURATION
1 = 10A 250V 70°C
2+GROUND
2 = 10A 250V 120°C
2+GROUND
4 = 10A 250V 70°C
2 POLE
3) PANEL THICKNESS
A
1.5
2.0
2.5
ADDITIONAL PANEL THICKNESS
AVAILABLE ON REQUEST
42R34-3X2X-150
42R34-3X2X-200
42R34-3X2X-250
P/N
2.0
2.5
1.5
R2.5 TYP.
RoHS
COMPLIANT


Similar Part No. - 42R34-3121-200

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R34-1121 POWERDYNAMICS-42R34-1121 Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R34-1122 POWERDYNAMICS-42R34-1122 Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R34-1124 POWERDYNAMICS-42R34-1124 Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R34-1221 POWERDYNAMICS-42R34-1221 Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R34-1222 POWERDYNAMICS-42R34-1222 Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
More results

Similar Description - 42R34-3121-200

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R35-3X2X-XXX POWERDYNAMICS-42R35-3X2X-XXX Datasheet
43Kb / 1P
   IEC 60320 COMBINATION FUSE HOLDER APPL. INLET, SOLDER TERMINALS; SNAP-IN
42R33-3X2X-XXX POWERDYNAMICS-42R33-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R34-1X2X POWERDYNAMICS-42R34-1X2X Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R38-1X2X POWERDYNAMICS-42R38-1X2X Datasheet
39Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SCREW
42R31-3X1X-XXX POWERDYNAMICS-42R31-3X1X-XXX Datasheet
48Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SCREW TERMINALS; SNAP-IN
42R32-3XXX-XXX POWERDYNAMICS-42R32-3XXX-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; QUICK CONNECT TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R33-1X2X POWERDYNAMICS-42R33-1X2X Datasheet
40Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R33-2X2X POWERDYNAMICS-42R33-2X2X Datasheet
43Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; CROSS FLANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com