Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX20865 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX20865
Description  Asynchronous SRC and Sync Buffers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20865 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX20865 Datasheet HTML 1Page - Synaptics Incorporated. CX20865 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Ordering Information
Parameters
Comment
Minimum
Nominal
Maximum
Unit
Power Supplies
Supply Voltage
0.9
1.0
1.05
V
Supply Voltage
1.72
1.8
1.98
V
Supply Voltage
2.97
3.3
3.63
V
Microphone Input TA = 25°C, input supply = 3.3 V, 1 kHz signal, fs = 48 kHz, PGA gain = 0 dB
Input Signal Level
1x AVDD
3.3
V
SNR
106
dB
THD
-85
dB
Power Supply Rejection Ratio
80
dB
Mute Attenuation
80
dB
Input Resistance
500
k
Ω
Bias Voltage
1.5
4
V
Bias Current
10
mA
Ordering Number
Part Number
Description
Package
TBD
CX20865
Far Field Voice Input Processor SoC
9x9 mm 169 BGA
© 2012 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-203141


Similar Part No. - CX20865

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20805 CONEXANT-CX20805 Datasheet
112Kb / 2P
   Unified Communication Peripherals
logo
Pulse A Technitrol Comp...
CX2081 PULSE-CX2081 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Synaptics Incorporated.
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
   Full duplex stereo I2S/PCM
More results

Similar Description - CX20865

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4125 AKM-AK4125_07 Datasheet
477Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4126 AKM-AK4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
AK4129 AKM-AK4129 Datasheet
710Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4124 AKM-AK4124 Datasheet
220Kb / 24P
   192KHZ/ 24BIT HIGH PERFORMANCE ASYNCHRONOUS SRC
AK4128A AKM-AK4128A Datasheet
764Kb / 50P
   8ch 216kHz / 24-Bit Asynchronous SRC
AK4129 AKM-AK4129 Datasheet
726Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4125 AKM-AK4125 Datasheet
241Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4127 AKM-AK4127 Datasheet
578Kb / 29P
   192kHz / 24Bit High Performance Asynchronous SRC
logo
California Micro Device...
CM2010 CALMIRCO-CM2010 Datasheet
95Kb / 4P
   VGA Port Protection with Integrated Sync Buffers
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
   Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com