Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8307AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8307AR
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8307AR Datasheet HTML 3Page - Analog Devices AD8307AR Datasheet HTML 4Page - Analog Devices AD8307AR Datasheet HTML 5Page - Analog Devices AD8307AR Datasheet HTML 6Page - Analog Devices AD8307AR Datasheet HTML 7Page - Analog Devices AD8307AR Datasheet HTML 8Page - Analog Devices AD8307AR Datasheet HTML 9Page - Analog Devices AD8307AR Datasheet HTML 10Page - Analog Devices AD8307AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8307
–7–
REV. A
LOG AMP THEORY
Logarithmic amplifiers perform a more complex operation than
that of classical linear amplifiers, and their circuitry is signifi-
cantly different. A good grasp of what log amps do, and how
they do it, will avoid many pitfalls in their application. The
essential purpose of a log amp is not to amplify, though amplifi-
cation is utilized to achieve the function. Rather, it is to com-
press a signal of wide dynamic range to its decibel equivalent. It
is thus a measurement device. A better term might be logarith-
mic converter, since its basic function is the conversion of a
signal from one domain of representation to another, via a precise
nonlinear transformation.
Logarithmic compression leads to situations that may be con-
fusing or paradoxical. For example, a voltage offset added to
the output of a log amp is equivalent to a gain increase ahead of
its input. In the usual case where all the variables are voltages,
and regardless of the particular structure, the relationship between
the variables can be expressed as:
VOUT = VY log (VIN /VX)
(1)
where:
VOUT is the output voltage,
VY is called the slope voltage; the logarithm is usually taken
to base-ten (in which case VY is also the volts-per-decade),
VIN is the input voltage,
and
VX is called the intercept voltage.
All log amps implicitly require two references, here VX and VY,
which determine the scaling of the circuit. The absolute accu-
racy of a log amp cannot be any better than the accuracy of its
scaling references. Equation 1 is mathematically incomplete in
representing the behavior of a demodulating log amp such as
the AD8307, where VIN has an alternating sign. However, the
basic principles are unaffected, and we can safely use this as our
starting point in the analyses of log amp scaling which follow.
VOUT
5VY
4VY
3VY
2VY
VY
–2VY
VOUT = 0
LOG VIN
VSHIFT
LOWER INTERCEPT
VIN = 10–2VX
–40dBc
VIN = 102VX
+40dBc
VIN = 104VX
+80dBc
VIN = VX
0dBc
Figure 19. Ideal Log Amp Function
Figure 19 shows the input/output relationship of an ideal log
amp, conforming to Equation 1. The horizontal scale is loga-
rithmic and spans a wide dynamic range, shown here as over
120 dB, or six decades. The output passes through zero (the
log-intercept) at the unique value VIN = VX and would ideally
become negative for inputs below the intercept. In the ideal
case, the straight line describing VOUT for all values of VIN would
continue indefinitely in both directions. The dotted line shows
that the effect of adding an offset voltage VSHIFT to the output is
to lower the effective intercept voltage VX. Exactly the same
alteration could be achieved raising the gain (or signal level)
ahead of the log amp by the factor VSHIFT/VY. For example, if
VY is 500 mV per decade (that is, 25 mV/dB, as for the AD8307),
an offset of +150 mV added to the output will appear to lower
the intercept by two tenths of a decade, or 6 dB. Adding an
offset to the output is thus indistinguishable from applying an
input level that is 6 dB higher.
The log amp function described by Equation 1 differs from that
of a linear amplifier in that the incremental gain
∂V
OUT/∂VIN is a
very strong function of the instantaneous value of VIN, as is
apparent by calculating the derivative. For the case where the
logarithmic base is e, we have:
∂V
OUT
∂V
IN
=
VY
VIN
(2)
That is, the incremental gain is inversely proportional to the
instantaneous value of the input voltage. This remains true for
any logarithmic base, which is chosen as 10 for all decibel-
related purposes. It follows that a perfect log amp would be
required to have infinite gain under classical small-signal (zero-
amplitude) conditions. Less ideally, this result indicates that,
whatever means are used to implement a log amp, accurate
response under small-signal conditions (that is, at the lower end
of the dynamic range) demands the provision of a very high
gain-bandwidth product. A further consequence of this high
gain is that, in the absence of an input signal, even very small
amounts of thermal noise at the input of a log amp will cause a
finite output for zero input, resulting in the response line curving
away from the ideal shown in Figure 19 toward a finite baseline,
which can be either above or below the intercept. Note that the
value given for this intercept may be an extrapolated value, in
which case the output may not cross zero, or even reach it, as is
the case for the AD8307.
While Equation 1 is fundamentally correct, a simpler formula is
appropriate for specifying the calibration attributes of a log amp
like the AD8307, which demodulates a sine wave input:
VOUT = VSLOPE (PIN – P0)
(3)
where:
VOUT is the demodulated and filtered baseband (video or
RSSI) output,
VSLOPE is the logarithmic slope, now expressed in volts/dB
(typically between 15 and 30 mV/dB),
PIN is the input power, expressed in decibels relative to some
reference power level,
and
P0 is the logarithmic intercept, expressed in decibels relative
to the same reference level.
The most widely used reference in RF systems is decibels above
1 mW in 50
Ω, written dBm. Note that the quantity (P
IN – P0) is
just dB. The logarithmic function disappears from the formula
because the conversion has already been implicitly performed in
stating the input in decibels. This is strictly a concession to popu-
lar convention: log amps manifestly do not respond to power
(tacitly, power absorbed at the input), but, rather, to input


Similar Part No. - AD8307AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307AR AD-AD8307AR Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR-REEL AD-AD8307AR-REEL Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR-REEL7 AD-AD8307AR-REEL7 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ARZ AD-AD8307ARZ Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ARZ-REEL AD-AD8307ARZ-REEL Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results

Similar Description - AD8307AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com