Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF18008 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJF18008
Description  POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF18008 Datasheet(HTML) 5 Page - Motorola, Inc

  MJF18008 Datasheet HTML 1Page - Motorola, Inc MJF18008 Datasheet HTML 2Page - Motorola, Inc MJF18008 Datasheet HTML 3Page - Motorola, Inc MJF18008 Datasheet HTML 4Page - Motorola, Inc MJF18008 Datasheet HTML 5Page - Motorola, Inc MJF18008 Datasheet HTML 6Page - Motorola, Inc MJF18008 Datasheet HTML 7Page - Motorola, Inc MJF18008 Datasheet HTML 8Page - Motorola, Inc MJF18008 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MJE18008 MJF18008
5
Motorola Bipolar Power Transistor Device Data
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
hFE, FORCED GAIN
3
160
hFE, FORCED GAIN
Figure 13. Inductive Fall Time
Figure 14. Inductive Crossover Time
Figure 15. Forward Bias Safe Operating Area
Figure 16. Reverse Bias Switching Safe
Operating Area
Figure 17. Forward Bias Power Derating
60
5
15
400
200
50
100
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
9
6
0
0
200
1,0
0,8
0,2
0,0
20
TC, CASE TEMPERATURE (°C)
80
140
160
1
0.01
3
600
1000
4
100
1000
DC (MJE18008)
5 ms
0,6
0,4
6
7
8
9
10
11
12
13
14
70
80
140
3
5
15
4
6
7
8
9
10
11
12
13
14
300
100
IC = 2 A
IC = 4.5 A
TJ = 25°C
TJ = 125°C
10
0.1
EXTENDED
SOA
1 ms
10
µs 1 µs
400
2
1
4
5
40
60
100
120
SECOND BREAKDOWN
DERATING
DC (MJF18008)
100
120
350
7
8
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipation
than the curves indicate. The data of Figure 15 is based on TC
= 25
°C; TJ(pk) is variable depending on power level. Second
breakdown pulse limits are valid for duty cycles to 10% but
must be derated when TC > 25°C. Second breakdown
limitations do not derate the same as thermal limitations.
Allowable current at the voltages shown in Figure 15 may be
found at any case temperature by using the appropriate curve
on Figure 17. TJ(pk) may be calculated from the data in Figure
20 and 21. At any case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown. For inductive
loads, high voltage and current must be sustained simulta-
neously during turn–off with the base–to–emitter junction
reverse–biased. The safe level is specified as a reverse–
biased safe operating area (Figure 16). This rating is verified
under clamped conditions so that the device is never
subjected to an avalanche mode.
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
150
130
110
90
150
250
800
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC = 2 A
IC = 4.5 A
–1, 5 V
– 5 V
TC ≤ 125°C
IC/IB ≥ 4
LC = 500 µH
GUARANTEED SAFE OPERATING AREA INFORMATION
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
TJ = 25°C
TJ = 125°C
THERMAL DERATING
VBE(off) = 0 V


Similar Part No. - MJF18008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF18008 ONSEMI-MJF18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR
1995 REV 1
logo
Savantic, Inc.
MJF18008 SAVANTIC-MJF18008 Datasheet
216Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJF18008 JMNIC-MJF18008 Datasheet
96Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJF18008 ONSEMI-MJF18008 Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
logo
Inchange Semiconductor ...
MJF18008 ISC-MJF18008 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJF18008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL147 ONSEMI-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com