Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43R02-3211-150 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 43R02-3211-150
Description  10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

43R02-3211-150 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  43R02-3211-150 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
10A/15A IEC 60320 APPL. OUTLET; SCREW
TERMINALS; SNAP-IN, PANEL MOUNT
43R02-3X1X-XXX
GQ
10/04/01
TD
10/09/01
PB
10/10/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Brass
Screw: Brass, Nickel Plated over Copper
Nut: Brass, Nickel Plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A/15 A
Voltage rating: 250 VAC
Insulation resistance: 100 Mohm min. at 500
VDC
Dielectric withstanding voltage: 2000 VAC
for one minute
ORDERING CODE:
43R02-3 __ 1 __ - __ __ __
1
2
3
1) COLOR
1 = BLACK
2 = GRAY
2) ELECTRICAL CIRCUIT
CONFIGURATION
1 = 10A 250V 70°C
15A 250V 70°C
2+GROUND
2 = 10A 250V 120°C
15A 250V 120°C
2+GROUND
3) PANEL THICKNESS
D E
V
4
24.5
3.00
4.00
15.8
-0.5
27.5±0.2
3X 5.0
+0.5
A
+0.2
35.0±0.2
23.0
-0.5
14.0±0.2
34
M3x6.0mm
SCREW
TERMINALS
32.0
3X 2.5
+0.3
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
24.5
25.0
+0.2
RECOMMENDED
PANEL CUTOUT
32.5
+0.2
AVAILABLE ON REQUEST
ADDITIONAL PANEL THICKNESS
P/N
43R02-3X1X-200
43R02-3X1X-150
2.0
1.5
A
MAX. PANEL THICKNESS
2.0
1.5
N
D
R4 TYP.
RoHS
COMPLIANT


Similar Part No. - 43R02-3211-150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R02-1111 POWERDYNAMICS-43R02-1111 Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R02-1112 POWERDYNAMICS-43R02-1112 Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R02-1211 POWERDYNAMICS-43R02-1211 Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R02-1212 POWERDYNAMICS-43R02-1212 Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R02-1X1X POWERDYNAMICS-43R02-1X1X Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
More results

Similar Description - 43R02-3211-150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R04-3X1X-XXX POWERDYNAMICS-43R04-3X1X-XXX Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
42R03-3111-150 POWERDYNAMICS-42R03-3111-150 Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
43R03-3XXX-XXX POWERDYNAMICS-43R03-3XXX-XXX Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
42R09-3132-150 POWERDYNAMICS-42R09-3132-150 Datasheet
46Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; STRAIGHT PC TERMINALS; SNAP-IN, PANEL MOUNT
43R02-2X1X POWERDYNAMICS-43R02-2X1X Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; CROSS FLANGE, PANEL MOUNT
43R09-3X32-XXX POWERDYNAMICS-43R09-3X32-XXX Datasheet
46Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; STRAIGHT PC TERMINALS; SNAP-IN, PANEL MOUNT
43R02-1X1X POWERDYNAMICS-43R02-1X1X Datasheet
45Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R03-2XXX POWERDYNAMICS-43R03-2XXX Datasheet
47Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; CROSS FLANGE, PANEL MOUNT
43R04-2X1X POWERDYNAMICS-43R04-2X1X Datasheet
46Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; SOLDER TERMINALS; CROSS FLANGE, PANEL MOUNT
43R05-1131 POWERDYNAMICS-43R05-1131 Datasheet
46Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com