Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820541021 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 820541021
Description  STANDARD VARISTOR DISC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

820541021 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  820541021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 820541021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 820541021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 820541021 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 820541021 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 820541021 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Artikelnummer / part number :
Special lead
Bezeichnung :
description :
DIAM:
14
MM
C Lötpad / soldering spec. :
MARKING
Würth Elektronik
+ or * or c
Factory Codes
Characteristic
X
X
XXX
X
Serie
Diameter
Vrms Voltage
Tolerance
Code
Certification
Date Code
Year
X X
Month
GENERAL CHARACTERISTICS
Storage temerature :
-40 / +125°C
Max. reponse time :
25 n sec
Max. operating temperature :
-40 / +125°C
Temp. Coefficient of voltage :
0 - 0.05% / °C max
Max. working surface temperature :
+115°C
Insulation resistance (at DC 500V) :
Over 1000 Mohm
LEAD FREE SOLDERING
Solder
Tin 100%
Soldering temperature at
255°C +/-5 °C
Profile soldering
270°C during 10s
Spezifikation für Freigabe / specification for release
Kunde / customer :
820541021
STANDARD VARISTOR DISC
WE-S
MARKING CODE
UL
VDE
CSA
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Spezifikation für Freigabe / specification for release
PAGE/SEITE 3 - PAGES/VON 6


Similar Part No. - 820541021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820541311 WURTH-820541311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820541406 WURTH-820541406 Datasheet
204Kb / 4P
   Disk Varistor Standard WE-VD
More results

Similar Description - 820541021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820511311 WURTH-820511311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820524611 WURTH-820524611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820544611 WURTH-820544611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
logo
List of Unclassifed Man...
820552501 ETC2-820552501 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820571406 ETC2-820571406 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820512001 ETC2-820512001 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820514611 WURTH-820514611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820526811 WURTH-820526811 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820541311 WURTH-820541311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820542711 WURTH-820542711 Datasheet
205Kb / 6P
   STANDARD VARISTOR DISC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com