Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18012 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 18012
Description  DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

18012 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  18012 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
-
COLOR CODE
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
Ö V E
D E
V
CEBEC
EUR
EMA
N
D
SHEET
1 of 1
NOMINAL O.D.
7.1
INT'L
230±30
250cm±5cm
SRAF
V
D E
IEC 60320 C13
Ö V E
HANKING DETAIL
DENMARK CORD SET; 250cm LONG
SRAF TO IEC 60320 C13
18012
C
TD
4/30/99
PJ
4/30/99
SS
4/30/99
3x1.0mm²
H05VV-F
10A 250V
BLACK
D
CEBEC
EUR
EMA
N
D
NOTES:
1. Actual plug & connector (design & shape) may differ from drawing.
RoHS
COMPLIANT
COLOR: BLACK
COLOR: BLACK


Similar Part No. - 18012

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18012 ARIES-18012 Datasheet
575Kb / 1P
   P/Ns 1109522 and 1109523 DIP-to-JEDEC TO Adapter Socket
More results

Similar Description - 18012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
   JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
   INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
   BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
   AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
   EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
   AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
   AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
   AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
   AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
   AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com