Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8326ARP-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8326ARP-REEL
Description  High Output Power Programmable CATV Line Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD8326ARP-REEL Datasheet HTML 1Page - Analog Devices AD8326ARP-REEL Datasheet HTML 2Page - Analog Devices AD8326ARP-REEL Datasheet HTML 3Page - Analog Devices AD8326ARP-REEL Datasheet HTML 4Page - Analog Devices AD8326ARP-REEL Datasheet HTML 5Page - Analog Devices AD8326ARP-REEL Datasheet HTML 6Page - Analog Devices AD8326ARP-REEL Datasheet HTML 7Page - Analog Devices AD8326ARP-REEL Datasheet HTML 8Page - Analog Devices AD8326ARP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
AD8326
–4–
LOGIC INPUTS (TTL/CMOS Compatible Logic)
Parameter
Min
Typ
Max
Unit
Logic “1” Voltage
2.1
5.0
V
Logic “0” Voltage
0
0.8
V
Logic “1” Current (VINH = 5 V) CLK, SDATA, DATEN
020
nA
Logic “0” Current (VINL = 0 V) CLK, SDATA, DATEN
–600
–100
nA
Logic “1” Current (VINH = 5 V) TXEN
50
190
µA
Logic “0” Current (VINL = 0 V) TXEN
–250
–30
µA
Logic “1” Current (VINH = 5 V) SLEEP
50
190
µA
Logic “0” Current (VINL = 0 V) SLEEP
–250
–30
µA
Specifications subject to change without notice.
TIMING REQUIREMENTS
Parameter
Min
Typ
Max
Unit
Clock Pulsewidth (tWH)
16.0
ns
Clock Period (tC)
32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time
DATEN vs. Clock (t
ES)
15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time
DATEN vs. Clock (t
EH)
3.0
ns
Input Rise and Fall Times, SDATA,
DATEN, Clock (t
R, tF)10
ns
Specifications subject to change without notice.
t
ES
VALID DATA WORD G1
MSB. . . .LSB
GAIN TRANSFER (G1)
t
DS
t
EH
8 CLOCK CYCLES
GAIN TRANSFER (G2)
t
OFF
t
GS
ANALOG
OUTPUT
SIGNAL AMPLITUDE (p-p)
TXEN
CLK
SDATA
DATEN
t
ON
tC
t
WH
VALID DATA WORD G2
Figure 2. Serial Interface Timing
VALID DATA BIT
MSB
MSB-1
MSB-2
t
DS
t
DH
SDATA
CLK
Figure 3. SDATA Timing
(Full Temperature Range, VCC = 12 V, tR = tF = 4 ns, fCLK = 8 MHz unless otherwise noted.)
(
DATEN, CLK, SDATA, TXEN, SLEEP, V
CC = 12 V: Full Temperature Range)


Similar Part No. - AD8326ARP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
More results

Similar Description - AD8326ARP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
AD8321 AD-AD8321 Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com