Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTS2A102F31A3M Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # TTS2A102F31A3M
Description  NTC Thermistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TTS2A102F31A3M Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  TTS2A102F31A3M Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION TTS2A102F31A3M Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B25/85
Value
Tolerance
of
B value
Max.
Power Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25 (K )
( ±%)
(K)
(±%)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
UL
TTC
03A901 39D*
0.9
3935
TTC
03A102 39D*
1
3935
TTC
03A152 39D*
1.5
3935
TTC
03A202 39H*
2
3975
TTC
03A222 39H*
2.2
3975
TTC
03A272 39H*
2.7
3975
TTC
03A302 39H*
3
3975
TTC
03A332 39H*
3.3
3975
TTC
03A472 39H*
4.7
3975
TTC
03A502 39H*
5
3975
TTC
03A682 39H*
6.8
3975
TTC
03A103 34D*
10
3435
TTC
03A103 374*
10
3740
TTC
03A103 39H*
10
3975
TTC
03A123 374*
12
3740
TTC
03A153 374*
15
3740
TTC
03A203 374*
20
3740
TTC
03A223 374*
22
3740
TTC
03A333 409*
33
4090
TTC
03A473 409*
47
4090
TTC
03A503 39H*
50
3975
TTC
03A503 406*
50
4060
TTC
03A683 419*
68
4190
TTC
03A104 419*
100
4190
TTC
03A154 437*
150
4370
TTC
03A224 437*
220
4370
TTC
03A334 457*
330
4570
TTC
03A474 457*
470
1
2
3
5
10
4570
123
150
2.5
18
-40~+125
Note 1:
= Tolerance of rR25
Note 2: * = Tolerance of B value
MERITEK
NTC Thermistors
TTC03 Series


Similar Part No. - TTS2A102F31A3M

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS2B10313381 THINKING-TTS2B10313381 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313382 THINKING-TTS2B10313382 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313383 THINKING-TTS2B10313383 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313471 THINKING-TTS2B10313471 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313472 THINKING-TTS2B10313472 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results

Similar Description - TTS2A102F31A3M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com