Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMN11W1SN101 Datasheet(PDF) 11 Page - ITT Industries

Part # DBMN11W1SN101
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMN11W1SN101 Datasheet(HTML) 11 Page - ITT Industries

Back Button DBMN11W1SN101 Datasheet HTML 7Page - ITT Industries DBMN11W1SN101 Datasheet HTML 8Page - ITT Industries DBMN11W1SN101 Datasheet HTML 9Page - ITT Industries DBMN11W1SN101 Datasheet HTML 10Page - ITT Industries DBMN11W1SN101 Datasheet HTML 11Page - ITT Industries DBMN11W1SN101 Datasheet HTML 12Page - ITT Industries DBMN11W1SN101 Datasheet HTML 13Page - ITT Industries DBMN11W1SN101 Datasheet HTML 14Page - ITT Industries DBMN11W1SN101 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
C
C-11
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Engaging Face
10°
E
C
B
A
D
Ø 3,05 (.120)
Cannon Crimp, Size 20
Military/High Reliability
D*MA Standard Density Crimp Contact Cable Connector
Dimensions
Receptacle
For contact cavity arrangements, see pages C-44.
For panel cutouts, see page C-49.
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEMA9S
DEMAY9S
DA
15
DAMA15S
DAMAY15S
DB
25
DBMA25S
DBMAY25S
DC
37
DCMA37S
DCMAY37S
DD
50
DDMA50S
DDMAY50S
Note: For residual magnetism level of 200 Gamma and shells and contacts with
50 micro inches (1,27m) gold plating, add NMBK52. Example DEMA9SNMBK52 with
50 microinches gold. For connectors without contacts, add F0.
Example: DEMA9SF0 (F0 not marked on the connector).
For crimp (Size 20) contacts and tooling, see page C-13.
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
8,76 (.345) MAX
L
F
W
K
Plug
For contact cavity arrangements, see pages C-44.
For panel cutouts, see page C-49.
Shell Size
Layout
Dual
Through Hole
Float Mount
DE
9
DEMA9P
DEMAY9P
DA
14
DAMA15P
DAMAY15P
DB
25
DBMA25P
DBMAY25P
DC
37
DCMA37P
DCMAY37P
DD
50
DDMA50P
DDMAY50P
Note: For residual magnetism level of 200 Gamma and shells and contacts with 50
micro inches (1,27m) gold plating, add NMBK52. Example: DEMA15PNMBK52.
For connectors without contacts, add F0. Example: DEMA15PF0 (F0 not marked on
connector). For crimp (Size 22) contacts and tooling, see page C-13.
Dimensions
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (8,36)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
A
C
B
10°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
L
K
F
W
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 11


Similar Part No. - DBMN11W1SN101

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMN25PNK87 ITT-DBMN25PNK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DBMN25PNK87 ITT-DBMN25PNK87 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DBMN25PNK87 ETC2-DBMN25PNK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
DBMN25SNA197 ITT-DBMN25SNA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBMN11W1SN101

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com