Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8345ARE Datasheet(PDF) 10 Page - Analog Devices

Part # AD8345ARE
Description  250 MHz.1000 MHz Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345ARE Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8345ARE Datasheet HTML 6Page - Analog Devices AD8345ARE Datasheet HTML 7Page - Analog Devices AD8345ARE Datasheet HTML 8Page - Analog Devices AD8345ARE Datasheet HTML 9Page - Analog Devices AD8345ARE Datasheet HTML 10Page - Analog Devices AD8345ARE Datasheet HTML 11Page - Analog Devices AD8345ARE Datasheet HTML 12Page - Analog Devices AD8345ARE Datasheet HTML 13Page - Analog Devices AD8345ARE Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD8345
–10–
The I and Q inputs have high input impedances because they
connect directly to the bases of pnp transistors. If a (dc-coupled)
filter is being used between a DAC and the modulator inputs,
this filter will need to be terminated with the appropriate resis-
tance. If the filter is differential, the termination resistor should
be connected across the I and Q differential inputs.
Reduction of LO Leakage
Because the I and Q signals are being effectively multiplied with
the LO, any internal offset voltages on these inputs will result in
leakage of the LO. The nominal LO leakage of –42 dBm which
results from these internal offset voltages, can be reduced further
by applying offset compensation voltages on the I and Q inputs.
(Note that LO feedthrough is reduced by varying the differential
offset voltages on the I and Q inputs, not by varying the nominal
bias level of 0.7 V.) This is easily accomplished by programming
(and then storing) the appropriate DAC offset code to reduce
the LO leakage. This does, however, require the path from the
DAC to the I and Q inputs to be dc-coupled. (DC-coupling is
also advantageous from the perspective of I and Q input bias-
ing if the DAC is capable of delivering a bias level of 0.7 V).
The procedure for reducing the LO feedthrough is simple. In
order to isolate the LO in the output spectrum, a single side-
band configuration is recommended (set I and Q signals to sine
and cosine waves at, say, 100 kHz, set LO to FRF – 100 kHz).
An offset voltage is applied from the I DAC until the LO leakage
reaches a trough. With this offset level held, an offset voltage is
applied to the Q DAC until a (lower) trough is reached.
LO leakage compensation holds up well over temperature. TPC
8 shows the effect of temperature on LO leakage after compen-
sation at ambient.
Compensated LO leakage will degrade somewhat as the frequency
is moved away from the frequency at which the compensation
was performed. This is due to the effects of LO to RF output
leakage which are not a result of offsets on the I and Q inputs.
Single-Ended I and Q Drive
Where only single-ended I and Q signals are available, a differ-
ential amplifier such as the AD8132 or AD8138 can be used to
generate the required differential drive signal for the AD8345.
Even though most DACs have differential outputs, using a
single-ended low-pass filter between the dual DAC and the I
and Q inputs, may be more desirable from the perspective of
component count and cost. As a result, the output signal from
the filter must be converted back to differential mode and possi-
bly be rebiased to 0.7 V common mode.
Figure 5 shows a circuit which converts a ground-referenced,
single-ended signal to a differential signal and adds the required
0.7 V bias voltage. Two AD8132 differential op amps, config-
ured for a gain of unity, are used. With a 50
Ω input impedance,
this circuit is configured to accept a signal from a 50
Ω source
(e.g., a low-pass filter). The input impedance can be easily changed
by replacing the 49.9
Ω shunt resistor (and the corresponding
24.9
Ω resistor on the inverting input) with the appropriate value.
The required dc-bias level is conveniently added to the signal by
applying 0.7 V to the VOCM pins of the differential amplifiers.
Differential amplifiers such as the AD8132 and AD8138 can
also be used to implement active filters. For more information
on this topic, consult the data sheets of these devices.
0.1 F
10 F
+5V
348
0.1 F
348
49.9
348
24.9
10k
1.5k
348
AD8132
PHASE
SPLITTER
VOUT
IBBP
IBBN
QBBP
QBBN
AD8345
LOIP
LOIN
VPS1 VPS2
0.01 F
1000pF
0.01 F
1000pF
0.1 F
10 F
+5V
348
0.1 F
348
49.9
348
24.9
348
AD8132
QIN
IIN
0.1 F
10 F
–5V
0.1 F
10 F
COM1 COM2 COM3
–5V
Figure 5. Single-Ended IQ Drive Circuit


Similar Part No. - AD8345ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8345ARE AD-AD8345ARE Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345ARE-REEL7 AD-AD8345ARE-REEL7 Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ-RL7 AD-AD8345AREZ-RL7 Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
More results

Similar Description - AD8345ARE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com