Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E621 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 908E621_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 13Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 14Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
908E621
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
HIGH SIDE OUTPUTS HS2 AND HS3(18)
Switch On Resistance
TJ = 25 °C, ILOAD = 1.0 A
RDS(ON)-HS23
–440
500
m
Ω
Over-current Shutdown
IHSOC23
3.6
5.6
A
Over-current Shutdown blanking time(16)
tOCB
–4-8
µs
Current to Voltage Ratio(17)
VADOUT [V] / IHS [A], (measured and trimmed IHS = 2.0 A)
CRRATIOHS23
1.16
1.66
2.16
V/A
High Side Switching Frequency(16)
fPWMHS
––
25
kHz
High Side Freewheeling Diode Forward Voltage
TJ = 25 °C, ILOAD = 1.0 A
VHSF
–0.9
V
Leakage Current
ILEAKHS
–<0.2
10
µA
HALF-BRIDGE OUTPUTS HB1 AND HB2
Switch On Resistance
High Side, TJ = 25°C, ILOAD = 1.0A
Low Side, TJ = 25°C, ILOAD = 1.0A
RDS(ON)-HB12
750
750
900
900
m
Ω
Over-current Shutdown
High Side
Low Side
IHBOC12
1.0
1.0
1.5
1.5
A
Over-current Shutdown blanking time(19)
tOCB
–4-8
μs
Switching Frequency(19)
fPWM
––
25
kHz
Freewheeling Diode Forward Voltage
High Side, TJ = 25 °C, ILOAD = 1.0 A
Low Side, TJ = 25 °C, ILOAD = 1.0 A
VHSF
VLSF
0.9
0.9
V
Leakage Current
ILEAKHB
–<0.2
10
µA
Low Side Current to Voltage Ratio(20)
VADOUT [V] / IHB [A], CSA = 1, (measured and trimmed IHB = 200 mA)
VADOUT [V] / IHB [A], CSA = 0, (measured and trimmed IHB = 500 mA)
CRRATIOHB12
17.5
3.5
25.0
5.0
32.5
6.5
V/A
Notes
16.
This parameter is guaranteed by process monitoring but is not production tested.
17.
This parameter is guaranteed only if correct trimming was applied.
18.
The high side HS3 can be only used for resistive loads.
19.
This parameter is guaranteed by process monitoring but is not production tested.
20.
This parameter is guaranteed only if correct trimming was applied
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40 °C TJ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com