Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E624 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 908E624
Description  Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E624 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  908E624_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
908E624
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any pin may cause permanent damage to
the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
Analog Chip Supply Voltage under Normal Operation (Steady-state)
Analog Chip Supply Voltage under Transient Conditions
MCU Chip Supply Voltage
VSUP(SS)
VSUP(PK)
VDD
-0.3 to 27
-0.3 to 40
-0.3 to 5.5
V
Input Pin Voltage
Analog Chip
Microcontroller Chip
VIN(ANALOG)
VIN(MCU)
-0.3 to VDD+0.3
VSS-0.3 to VDD+0.3
V
Maximum Microcontroller Current per Pin
All Pins except VDD, VSS, PTA0:PTA6, PTC0:PTC1
PTA0:PTA6, PTC0:PTC1 Pins
IPIN(1)
IPIN(2)
±15
±25
mA
Maximum Microcontroller VSS Output Current
IMVSS
100
mA
Maximum Microcontroller VDD Input Current
IMVDD
100
mA
Current Sense Operational Amplifier
Maximum Input Voltage, +E, -E Pins
Maximum Input Current, +E, -E Pins
Maximum Output Voltage, OUT Pin
Maximum Output Current, OUT Pin
V+E-E
I+E-E
VOUT
IOUT
-0.3 to 7.0
±20
-0.3 to VCC+0.3
±20
V
mA
V
mA
LIN Supply Voltage
Normal Operation (Steady-state)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 13)
VBUS(SS)
VBUS(PK)
-18 to 40
-150 to 100
V
L1 and L2 Pin Voltage
Normal Operation with a 33 k
Ω resistor (Steady-state)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 13)
VWAKE(SS)
VWAKE(PK)
-18 to 40
-100 to 100
V
ESD Voltage
Human Body Model (1)
Machine Model (1)
Charge Device Model (1)
VESD1
VESD2
VESD3
±2000
±100
±500
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (CZAP =
200 pF, RZAP = 0 Ω), and the Charge Device Model, Robotic (CZAP = 4.0 pF).


Similar Part No. - 908E624_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_10 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
More results

Similar Description - 908E624_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_10 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com