Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8326ARE-EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8326ARE-EVAL
Description  High Output Power Programmable CATV Line Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARE-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD8326ARE-EVAL Datasheet HTML 1Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 2Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 3Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 4Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 5Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 6Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 7Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 8Page - Analog Devices AD8326ARE-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
AD8326
–3–
(TA = 25 C, VS =
5 V, RL = RIN = 75
, VIN = 206 V p-p, VOUT measured through a 1:1
transformer with an insertion loss of 0.5 dB @ 10 MHz, unless otherwise noted.)
SPECIFICATIONS
AD8326ARE
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 65 dBmV, Max Gain
206
mV p-p
Noise Figure
Max Gain, f = 10 MHz
16.6
dB
Input Resistance
Differential Input
1600
Single-Ended Input
800
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Gain Range
52.5
53.5
54.5
dB
Maximum Gain
Gain Code = 71 Dec
26.5
27.5
28.5
dB
Minimum Gain
Gain Code = 0 Dec
–27
–26
–25
dB
Gain Scaling Factor
0.7526
dB/LSB
Gain Linearity Error
f = 10 MHz, Code-to-Code
±0.2
dB
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
100
MHz
Bandwidth Roll-Off
f = 65 MHz
1.1
dB
Bandwidth Peaking
f = 65 MHz
0
dB
Output Noise Spectral Density
Max Gain, f = 10 MHz
–28
dBmV in
160 kHz
Min Gain, f = 10 MHz
–45.5
dBmV in
160 kHz
Transmit Disable Mode, f = 10 MHz
–65
dBmV in
160 kHz
1 dB Compression Point
Max Gain, f = 10 MHz
25.0
dBm
Differential Output Impedance
Transmit Enable and Transmit Disable Mode
75
± 20%
OVERALL PERFORMANCE
Worst Harmonic Distortion
f = 14 MHz, VOUT = 65 dBmV @ Max Gain
–62
dBc
f = 21 MHz, VOUT = 65 dBmV @ Max Gain
–62
dBc
f = 42 MHz, VOUT = 65 dBmV @ Max Gain
–60
dBc
f = 65 MHz, VOUT = 65 dBmV @ Max Gain
–58
dBc
Adjacent Channel Power
16 QAM, VOUT = 65 dBmV
–58
dBc
Adj Ch Wid = Tr Ch Wid = 160 KSYM/SEC
Output Settling
Due to Gain Change (TGS)
Min to Max Gain
60
ns
Due to Input Step Change
Max Gain, VIN = 0 V to 0.19 V p-p
30
ns
Signal Isolation
Min Gain, TXEN = 0, 65 MHz, VIN = 0.19 V p-p
–85
dBc
Max Gain, TXEN = 0, 42 MHz, VIN = 0.19 V p-p
–31
dBc
Max Gain, TXEN = 0, 65 MHz, VIN = 0.19 V p-p
–28
dBc
All Gains, SLEEP, 65 MHz, VIN = 0.19 V p-p
–85
dBc
POWER CONTROL
Transmit Enable Response Time (tON)
Max Gain, VIN = 0
250
ns
Transmit Disable Response Time (tOFF) Max Gain, VIN = 0
40
ns
Between Burst Transients
1
Equivalent Output = 31 dBmV
5
mV p-p
Equivalent Output = 61 dBmV
60
mV p-p
POWER SUPPLY
Operating Range
±4.75 ±5.0
±5.25 V
Quiescent Current
Transmit Enable Mode (TXEN = 1)
140
150
160
mA
Transmit Disable Mode (TXEN = 0)
36
42
48
mA
Sleep Mode
1
4
7
mA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1Between Burst Transients measured at the output of diplexer.
Specifications subject to change without notice.


Similar Part No. - AD8326ARE-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
More results

Similar Description - AD8326ARE-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
AD8321 AD-AD8321 Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com