Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT20P060-4N Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # AFT20P060-4N
Description  RF Power LDMOS Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT20P060-4N Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button AFT20P060-4N Datasheet HTML 2Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT20P060-4N Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFT20P060--4NR3
TYPICAL CHARACTERISTICS
1
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 6. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
--20
15
21
0
60
50
40
30
20
20
19
10
100
10
--60
18
17
16
0
--30
--40
--50
Figure 7. Broadband Frequency Response
11
23
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 450 mA
19
17
15
21
13
1800 1900
2000
2100
2200
2300
2400
2500
2600
--30
30
20
10
0
--10
--20
Gain
VDD =28 Vdc,IDQ = 450 mA
Single--Carrier W--CDMA, 3.84 MHz
Channel Bandwidth, Input Signal
PAR = 9.9 dB @ 0.01%
Probability on CCDF
IRL
2140 MHz
Gps
2170 MHz
2110 MHz
2140 MHz
2110 MHz
2170 MHz
2170 MHz
D
2140 MHz
2110 MHz


Similar Part No. - AFT20P060-4N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFT20P060-4N NXP-AFT20P060-4N Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results

Similar Description - AFT20P060-4N

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
   RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
   RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ821 POLYFET-LQ821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com