Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD7P19130H Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MD7P19130H
Description  RF Power Field Effect Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7P19130H Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MD7P19130H_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MD7P19130H_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor
MD7P19130HR3 MD7P19130HSR3
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
30
P3dB = 53.48 dBm (223 W)
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ = 1250 mA, Pulsed CW
10 μsec(on), 10% Duty Cycle, f = 1960 MHz
52
50
48
31
33
32
34
38
36
Actual
Ideal
53
51
43
37
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
49
54
55
56
57
29
28
27
24
35
26
25
47
45
46
44
P1dB = 52.67 dBm (185 W)
Test Impedances per Compression Level
Zsource
Zload
P1dB
7.15 -- j1.86
0.84 -- j2.99
Figure 14. Pulsed CW Output Power
versus Input Power @ 28 V


Similar Part No. - MD7P19130H_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7P19130HR3 FREESCALE-MD7P19130HR3 Datasheet
503Kb / 16P
   RF Power Field Effect Transistors
MD7P19130HSR3 FREESCALE-MD7P19130HSR3 Datasheet
503Kb / 16P
   RF Power Field Effect Transistors
More results

Similar Description - MD7P19130H_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com