Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA9550LR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA9550LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MMA955xL
Sensors
10
Freescale Semiconductor, Inc.
Figure 5. Recommended PCB footprint
Solder mask opening
Stencil opening
0.777 mm x 1.377 mm
0.62 mm x 0.22 mm
(PCB land + 0.0637 mm
(PCB land - 0.015 mm
larger all around.
smaller all around)
Remove slivers between pads.)
PCB land pad size
0.65 mm x 0.25 mm


Similar Part No. - MMA9550LR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA9550LR1 NXP-MMA9550LR1 Datasheet
471Kb / 27P
   MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
More results

Similar Description - MMA9550LR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA955XL NXP-MMA955XL Datasheet
471Kb / 27P
   MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
FXLC95000CL NXP-FXLC95000CL Datasheet
727Kb / 38P
   Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
Rev 1.2, 8/2013
logo
Freescale Semiconductor...
FXLC95000CL FREESCALE-FXLC95000CL Datasheet
506Kb / 38P
   Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
logo
NXP Semiconductors
MMA9555L NXP-MMA9555L Datasheet
909Kb / 132P
   MMA9555L Intelligent Motion- Sensing Pedometer
Rev. 2.3, 8/2016
logo
A1 PROs co., Ltd.
AH243TS A1PROS-AH243TS Datasheet
164Kb / 2P
   Intelligent Motion Detection
APC89K A1PROS-APC89K Datasheet
400Kb / 2P
   Intelligent Motion Detection
logo
Advantech Co., Ltd.
ADAM-5630 ADVANTECH-ADAM-5630 Datasheet
178Kb / 1P
   Edge Intelligent DA & C Platform
12-Mar-2021
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-5500 AVAGO-HEDL-5500 Datasheet
93Kb / 2P
   Motion Sensing Products, Optical Encoder Modules
HEDS-5500 AVAGO-HEDS-5500 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
logo
Gamewell-FCI by Honeywe...
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com