Electronic Components Datasheet Search |
|
DBMP9SN101 Datasheet(PDF) 5 Page - ITT Industries |
|
DBMP9SN101 Datasheet(HTML) 5 Page - ITT Industries |
5 / 62 page C C-5 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Series Wire Gauge Range AWG Mating Cycles RoHS confirm Layout Operating Voltage Current Rating (Amps) Contact Resistance Operating Temperature Mil Salt Spray Test Resistance in hours Material Finish Insulator Contact Material Finish Page Number Combo D AWG 8-30 50,200,500 yes (MIL:no) E: 2W2; 2WK2; 5W1 A: 3W3; 3WK3; 7W2; 11W1 B: 5W5; 9W4; 13W3; 17W2; 21W1 C: 8W8; 13W6; 17W5; 21WA4; 25W3; 27W2 D: 24W7; 36W4; 43W2; 47W1 500 VAC* 7,5 A max(Signal Contacts) 5 A max (Coaxial Contacts) 40 A max (High Power Contacts) 5 A Max (HV Contacts) 10 milli Ohm max (Signal Contacts) 40 Millivolt Max @ 40A (Power) -55°C/125°C (MIL:150°C) 20 hours (MIL: 48 hours) Steel Tin Thermoplastic, PCT UL 94V-0 Turned Copper Alloy Gold over Nickel C-21 D- Subminiature Stainless Steel-F225 - 500 yes 9,15,25,37,50, 15, 26,44,62,78 (standardhigh density and Combo D) - - - -55°C/125°C 500 hours Stainless Steel Passivated - - - - C-7 D Subminiature Selector Guide ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 5 |
Similar Part No. - DBMP9SN101 |
|
Similar Description - DBMP9SN101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |