Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348-EVAL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8348-EVAL
Description  50-1000 MHz Quadrature Demodulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348-EVAL Datasheet(HTML) 4 Page - Analog Devices

  AD8348-EVAL Datasheet HTML 1Page - Analog Devices AD8348-EVAL Datasheet HTML 2Page - Analog Devices AD8348-EVAL Datasheet HTML 3Page - Analog Devices AD8348-EVAL Datasheet HTML 4Page - Analog Devices AD8348-EVAL Datasheet HTML 5Page - Analog Devices AD8348-EVAL Datasheet HTML 6Page - Analog Devices AD8348-EVAL Datasheet HTML 7Page - Analog Devices AD8348-EVAL Datasheet HTML 8Page - Analog Devices AD8348-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRELIMINARY TECHNICAL DATA
Rev. PrF 2/11/03
- 4 -
Parameter
Condition
Min
Typ
Max
Units
IF FRONT-END WITHOUT VGA from MXIP,MXIN to IMXO/QMXO
ENVG=0V
Zin
Measured differentially across MXIP/ MXIN
150
Ω||0.5pF 200Ω || 0.5pF 240Ω||0.5pF Ω||Pf
Conversion Gain
12
dB
Conversion Gain 3 dB Bandwidth
TBD
MHz
IF Gain Flatness
FIF=50MHz-1GHz
TBD
dB p-p
2nd Order Input Intercept(IIP2)
IF1=455MHz, IF2=456MHz
-32 dBm each tone from 200 Ω source
TBD
dBm
3rd Order Input Intercept(IIP3)
IF1=455MHz, IF2=456MHz
-32 dBm each tone from 200 Ω source
TBD
dBm
1dB Input compression point
VGIN=0.2V (max gain)
-23
dBm
Noise Figure
VGIN=0.2V (max gain) From 200 Ω source
Double sideband measurement
TBD
dB
Input LO Leakage
Measured at MXIP/MXIN
-120
dBm
Output LO Leakage
Measured at IMXO/QMXO
10
mVp-p
Demodulation Bandwidth
Full-power bandwidth (IIP3 drops 3dB)
TBD
MHz
Small-signal 3dB bandwidth, 10pF load
60
MHz
Quadrature Phase Error
LO=1GHz
(LOIP/LOIN 2GHz, single- ended input)
0.6
deg RMS
I/Q Amplitude Imbalance
0.3
dB
Capacitive load
shunt from IMXO,QMXO to VCMO
0
10
pF
Resistive load
shunt from IMXO,QMXO to VCMO
200
Peak output current
2.5
mA
BASEBAND AMPLIFIER
from IAIN to IOPP/IOPN &
QAIN to QOPP/QOPN
Gain
20
dB
Output Swing
differential
2
Vpp diff
Input referred Noise Voltage
8
nV/rtHz
Bandwidth
10pF differential load
60
MHz
Output DC differential offset
Corrected using 500pF capacitor on
IOFS,QOFS
+/-30
mV
Output Common-mode offset
+/-15
mV
Group Delay Flatness
0.1-30MHz
0.3
ns pp
3rd Order Intermod. Distortion
Fin1=5MHz Fin2=6MHz
Vin1=Vin2=50mVp-p
-71
dBc
Capacitive load drive capability
Differential across IOPP/IOPN,
QOPP/QOPN
10
pF
Resistive load
Differential across IOPP/IOPN,
QOPP/QOPN
2k
ohm
Peak output current
1
mA
Specifications subject to change without notice.
AD8348


Similar Part No. - AD8348-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8348 AD-AD8348 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8348 AD-AD8348 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

Similar Description - AD8348-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com