Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6361LT Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA6361LT
Description  짹1.5g, 짹6g Two Axis Low-g Micromachined Accelerometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6361LT Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA6361LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6361LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sensors
Freescale Semiconductor
3
MMA6361L
Table 2. Operating Characteristics
Unless otherwise noted: -40°C < TA < 85°C, 2.2 V < VDD < 3.6 V, Acceleration = 0g, Loaded output
(1)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current(4)
Supply Current at Sleep Mode(4)
Operating Temperature Range
Acceleration Range, X-Axis, Y-Axis, Z-Axis
g-Select: 0
g-Select: 1
VDD
IDD
IDD
TA
gFS
gFS
2.2
-40
3.3
400
3
±1.5
±6.0
3.6
600
10
+85
V
μA
μA
°C
g
g
Output Signal
Zero-g (TA = 25°C, VDD = 3.3 V)
(5), (6)
Zero-g(7)
Sensitivity (TA = 25°C, VDD = 3.3 V)
1.5g
6g
Sensitivity(4)
Bandwidth Response
XY
Output Impedance
VOFF
VOFF, TA
S1.5g
S6g
S,TA
f-3dBXY
ZO
1.485
-2.0
740
190.6
-0.0075
1.65
±0.5
800
206
±0.002
400
32
1.815
+2.0
860
221.5
+0.0075
V
mg/°C
mV/g
mV/g
%/°C
Hz
k
Ω
Noise
Power Spectral Density RMS (0.1 Hz – 1 kHz)(4)
nPSD
350
μg/
Control Timing
Power-Up Response Time(8)
Enable Response Time(9)
Sensing Element Resonant Frequency
XY
Internal Sampling Frequency
tRESPONSE
tENABLE
fGCELLXY
fCLK
1.0
0.5
6.0
11
2.0
2.0
ms
ms
kHz
kHz
Output Stage Performance
Full-Scale Output Range (IOUT = 3 µA)
VFSO
VSS+0.1
VDD–0.1
V
Nonlinearity, XOUT, YOUT, ZOUT
NLOUT
-1.0
+1.0
%FSO
Cross-Axis Sensitivity(10)
VXY, XZ, YZ
-5.0
+5.0
%
1. For a loaded output, the measurements are observed after an RC filter consisting of an internal 32 k
Ω resistor and an external 3.3 nF capacitor
(recommended as a minimum to filter clock noise) on the analog output for each axis and a 0.1
μF capacitor on V
DD - GND. The output sensor
bandwidth is determined by the Capacitor added on the output. f = 1/2
π * (32 x 103) * C. C = 3.3 nF corresponds to BW = 1507 HZ, which is
the minimum to filter out internal clock noise.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 2.2 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4. This value is measured with g-Select in 1.5g mode.
5. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
6. For optimal 0g offset performance, adhere to AN3484 and AN3447
7.Product Performance will not exceed this minimum level, however measurement over time will not be equal to time zero measurements for
this specific parameter.
8. The response time between 10% of full scale VDD input voltage and 90% of the final operating output voltage.
9. The response time between 10% of full scale Sleep Mode input voltage and 90% of the final operating output voltage.
10. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
Hz


Similar Part No. - MMA6361LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6331L FREESCALE-MMA6331L Datasheet
140Kb / 11P
   짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
MMA6331LR1 FREESCALE-MMA6331LR1 Datasheet
140Kb / 11P
   짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
MMA6331LR2 FREESCALE-MMA6331LR2 Datasheet
140Kb / 11P
   짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
MMA6331LT FREESCALE-MMA6331LT Datasheet
140Kb / 11P
   짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
MMA6341L FREESCALE-MMA6341L Datasheet
162Kb / 11P
   짹3g, 짹9g Two Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA6361LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7361L FREESCALE-MMA7361L Datasheet
169Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7360L NXP-MMA7360L Datasheet
187Kb / 10P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 2, 8/2007
logo
Freescale Semiconductor...
MMA7360L_0708 FREESCALE-MMA7360L_0708 Datasheet
144Kb / 10P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361LC FREESCALE-MMA7361LC Datasheet
144Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com