Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXH6250A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXH6250A
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXH6250A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXH6250A_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXH6250A_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pressure
MPXH6250A
Sensors
Freescale Semiconductor, Inc.
5
SURFACE MOUNTING INFORMATION
Minimum Recommended Footprint for Super Small Outline Packages
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor package must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self-align when subjected to a
solder reflow process. It is always recommended to fabricate
boards with a solder mask layer to avoid bridging and/or
shorting between solder pads, especially on tight tolerances
and/or tight layouts.
Figure 5. SSOP Footprint (Case 1317 and 1317A)
Nominal Transfer Value: Vout = VS x (0.004 x P - 0.040)
± (Pressure Error x Temp Factor x 0.004 x VS)
VS = 5.1  0.36 Vdc
Transfer Function
Temp
Multiplier
-40
3
0 to 85
1
125
1.75
Temperature in C
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0 C to -40 C and from 85 C to 125 C.
Temperature Error Band
Pressure
Error (Max)
Pressure Error Band
20 to 250 (kPa)
±3.45 (kPa)
Pressure (in kPa)
Error Limits for Pressure
Break Points
3.0
2.0
1.0
-1.0
-2.0
-4.0
0.0
4.0
-3.0
20
60
100
140
180
220
260
300
0.027 TYP 8X
0.69
0.053 TYP 8X
1.35
inch
mm
0.387
9.83
0.150
3.81
0.050
1.27
TYP


Similar Part No. - MPXH6250A_12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A6T1 MOTOROLA-MPXH6250A6T1 Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6250A6T1 FREESCALE-MPXH6250A6T1 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A6T1 FREESCALE-MPXH6250A6T1 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6250A6U MOTOROLA-MPXH6250A6U Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6250A6U FREESCALE-MPXH6250A6U Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
More results

Similar Description - MPXH6250A_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6400A FREESCALE-MPXH6400A_07 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com