Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8401 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8401
Description  8-Bit, 4-Channel Data Acquisition System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8401 Datasheet(HTML) 2 Page - Analog Devices

  AD8401 Datasheet HTML 1Page - Analog Devices AD8401 Datasheet HTML 2Page - Analog Devices AD8401 Datasheet HTML 3Page - Analog Devices AD8401 Datasheet HTML 4Page - Analog Devices AD8401 Datasheet HTML 5Page - Analog Devices AD8401 Datasheet HTML 6Page - Analog Devices AD8401 Datasheet HTML 7Page - Analog Devices AD8401 Datasheet HTML 8Page - Analog Devices AD8401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution
N
8
Bits
Total Unadjusted Error
TUE
±3
LSB
Relative Accuracy
INL
–1
+1
LSB
Differential Nonlinearity
DNL
–1
+1
LSB
Offset Error
VOSE
TA = +25
°C
–4
+4
LSB
TA = Full Temp Range
–6
+6
LSB
Full-Scale Error
AE
TA = +25°C
–4
+4
LSB
TA = Full Temp Range
–6
+6
LSB
∆Full-Scale/∆V
DD
TA = +25
°C
1
LSB
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
SNR
44
dB
Total Harmonic Distortion
THD
48
dB
Intermodulation Distortion
IMD
60
dB
Frequency Response
0 to 200 kHz
0.1
dB
Track/Hold Acquisition Time
tAQ
200
ns
ANALOG INPUTS (Applies to Inputs A, B. C, D)
Unipolar Input Range
VIN
03
V
Input Current
IIN
–500
+500
µA
Input Capacitance
CIN
10
pF
LOGIC INPUTS
Clock Input Current Low
ICKL
VIN = 0 V
1.6
mA
Clock Input Current High
ICKH
VIN = VDD
40
µA
Input Leakage Current
IL
CS
, RD, RS, ST
10
µA
LOGIC OUTPUTS (Applies to Outputs DB0–DB7, INT, BUSY)
Logic Output Low Voltage
VOL
IOL = 1.6 mA
0.4
V
Logic Output High Voltage
VOH
IOH = 200 µA
4.0
V
Output Leakage Current
IOZ
CS
= 1 (Except INT & BUSY)10
µA
Output Capacitance
COZ
CS
= 1 (Except INT & BUSY)10
pF
CONVERSION TIME
tC
External Clock
2
µs
Specifications subject to change without notice.
REV. 0
–2–
AD8401–SPECIFICATIONS
ADC ELECTRICAL CHARACTERISTICS
A1
A0
Input Selected
00
VINA
01
VINB
10
VINC
11
VIND
Table I. Multiplexer Address Input Decode
(@ VDD = +5.0 V
5%, AGDAC = AGADC = 0.0 V; fCLK = 5 MHz; –40 C ≤ TA ≤ +85 C,
unless otherwise noted)


Similar Part No. - AD8401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results

Similar Description - AD8401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com