Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MIPSZ2012D1R0 Datasheet HTML 1Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN30180A
4
Ver. AEB
[DCDC Characteristics] (DCDC step down regulator)
μs
120
Load resistance = 12
Ω
Settling time to reach 90 % of
setting voltage from EN rising
edge
TSTU
Rising Time
MHz
3.2
2.6
2.0
IOUT = 600 mA ( CCM )
FSW
SW Frequency
Ω
0.4
0.2
RONN
Nch-MOS ON Resistance
Ω
0.4
0.2
RONP
Pch-MOS ON Resistance
%
5.8
3.3
VOUT = 1.15 V,
IOUT = 10
μA to 1200 mA
REGLD
Load Regulation
% / V
0.75
0.25
VIN = 2.5 V to 5.5 V,
VOUT = 1.15 V
IOUT = 600m A
REGIN
Line Regulation
V
2.885
2.800
2.715
CNT1 = H , CNT2 = H
IOUT = 600 mA
VOUT4
Output Voltage Setting 4
V
1.855
1.800
1.745
CNT1 = L , CNT2 = H
IOUT = 600 mA
VOUT3
Output Voltage Setting 3
V
1.340
1.300
1.260
CNT1 = H , CNT2 = L
IOUT = 600 mA
VOUT2
Output Voltage Setting 2
V
1.185
1.150
1.115
CNT1 = L , CNT2 = L
IOUT = 600 mA
VOUT1
Output Voltage Setting 1
[Current Consumption] (DCDC step down regulator)
μA
1
0
EN = L
ISTB
OFF Current Consumption
Ω
20
10
EN = L
RDIS
Output discharge resistance
μA
80
40
IOUT = 0A,VOUT = 1.15 V,
IINQ
Current Consumption
Limits
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
ELECTRICAL CHARACTERISTICS
Cout = 4.7
μF (Murata), Lout = 1.0 μH (FDK) , VOUT Setting = 1.15 V , V
IN = AVIN = PVIN = 3.7 V,
Ta = 25 °C ± 2 °C unless otherwise noted.


Similar Part No. - MIPSZ2012D1R0

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIPSZ2012D1R0 PANASONIC-MIPSZ2012D1R0 Datasheet
862Kb / 48P
   600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
More results

Similar Description - MIPSZ2012D1R0

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Linear Technology
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC Module Step-Down Regulator
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
   1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com