Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BB31A475KA74L Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # GRM21BB31A475KA74L
Description  VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM21BB31A475KA74L Datasheet(HTML) 5 Page - Panasonic Semiconductor

  GRM21BB31A475KA74L Datasheet HTML 1Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 2Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 3Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 4Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 5Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 6Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 7Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 8Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN30185A
5
Ver. BEB
*1
%
84
VIN = 5 V
IOUT2 = 500 mA
DD2
EFF4
DC-DC2 efficiency 4
*1
%
77
VIN = 5 V
IOUT1 = 450 mA
DD1
EFF4
DC-DC1 efficiency 4
*1
mV[p-p]
7
IOUT2 = 500 mA
DD2
VRPL2
DC-DC2 output ripple voltage 2
*1
mV[p-p]
30
IOUT2 = 10 mA
DD2
VRPL1
D-CDC2 output ripple voltage 1
*1
mV[p-p]
30
IOUT1 = 10 mA
DD1
VRPL1
DC-DC1 output ripple voltage 1
*1
mV[p-p]
7
IOUT1 = 450 mA
DD1
VRPL2
DC-DC1 output ripple voltage 2
*1
%
80
VIN = 5 V
IOUT2 = 10 mA
DD2
EFF2
DC-DC2 efficiency 2
*1
%
86
VIN = 3.3 V
IOUT2 = 10 mA
DD2
EFF1
DC-DC2 efficiency 1
*1
%
80
VIN = 3.3 V
IOUT1 = 450 mA
DD1
EFF3
DC-DC1 efficiency 3
*1
%
71
VIN = 5 V
IOUT1 = 10 mA
DD1
EFF2
DC-DC1 efficiency 2
*1
%
77
VIN = 3.3 V
IOUT1 = 10 mA
DD1
EFF1
DC-DC1 efficiency 1
*1
A
1.6
FB2 = 1.8 V
→ 0.9 V
DD2
ILMT
DC-DC2 output current limit
*1
A
1.6
FB1 = 1.0 V
→ 0.5 V
DD1
ILMT
DC-DC1 output current limit
*1
mV
15
IOUT2 = 10 μA → 800 mA
DD2
REGLD
DC-DC2 load regulation
*1
mV
10
IOUT1 = 10 μA → 800 mA
DD1
REGLD
DC-DC1 load regulation
*1
mV
8
VIN = 2.9 V → 5.5 V
IOUT2 = 500 mA
DD2
REGIN
DC-DC2 line regulation
[DC-DC1] (1.0 V DC/DC step-down regulator)
[DC-DC2] (1.8 V DC/DC step-down regulator)
*1
mV
6
VIN = 2.9 V → 5.5 V
IOUT1 = 450 mA
DD1
REGIN
DC-DC1 line regulation
*1
%
85
VIN = 3.3 V
IOUT2 = 500 mA
DD2
EFF3
DC-DC2 efficiency 3
*1
μA
0
EN = 0 V
ISTB
Consumption current at standby
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
ELECTRICAL CHARACTERISTICS (Continued)
VIN = AVIN = PVIN1 = PVIN2 = 3.3V
[DC-DC1] Cout = 10
μF (GRM21BB31A106K[Murata] ) , Lout = 2.2 μH ( NR3012T2R2M[Taiyo Yuden] )
[DC-DC2] Cout = 10
μF (GRM21BB31A106K[Murata] ) , Lout = 2.2 μH ( NR3012T2R2M[Taiyo Yuden] )
Ta = 25 °C ± 2 °C unless otherwise noted.
*1 :Typical Value checked by design.


Similar Part No. - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GRM21BB31A475KA74L PANASONIC-GRM21BB31A475KA74L Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
More results

Similar Description - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30181A PANASONIC-AN30181A Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
logo
Maxim Integrated Produc...
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17623EVKIT MAXIM-MAX17623EVKIT Datasheet
1Mb / 13P
   2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
MAXM17623 MAXIM-MAXM17623 Datasheet
920Kb / 18P
   2.9V to 5.5V, 1A Himalaya uSLIC Step-Down Power Modules
Rev 1; 2/19
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Shindengen Electric Mfg...
S1ZB20 SHINDENGEN-S1ZB20 Datasheet
297Kb / 6P
   General Purpose Rectifiers(200V 0.8A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
   5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
   2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Shindengen Electric Mfg...
S1ZB80 SHINDENGEN-S1ZB80 Datasheet
300Kb / 6P
   General Purpose Rectifiers(800V 0.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com