Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BB31A475KA74L Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # GRM21BB31A475KA74L
Description  VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM21BB31A475KA74L Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button GRM21BB31A475KA74L Datasheet HTML 6Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 7Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 8Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 9Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 10Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 11Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 12Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 13Page - Panasonic Semiconductor GRM21BB31A475KA74L Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AN30185A
10
Ver. BEB
OPERATION
BUF(0.9V)
DC-DC2(1.8V)
External Pch-MOSFE
Gate control circuit
OFF
OFF
OFF
OFF
Low
OFF
OFF
ON
ON
Low
OFF
ON
OFF
ON
High
High
EN2
OFF
ON
DC-DC1(1.0V)
OFF
ON
Low
High
EN
EN pin is the main control pin. When EN pin becomes High, DC-DC1 and external Pch-MOSFET gate control circuit
turn on,and DC-DC2 and BUF become controllable by EN2 pin.
EN2 pin is the control pin for DC-DC2 and BUF. When EN2 pin becomes High, DC-DC2 and BUF turn on.
Even if EN2 is High under the condition that EN is Low, DC-DC2 and BUF do not turn on.
1. Pin Setting For Start / Stop Control


Similar Part No. - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GRM21BB31A475KA74L PANASONIC-GRM21BB31A475KA74L Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
More results

Similar Description - GRM21BB31A475KA74L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30181A PANASONIC-AN30181A Datasheet
670Kb / 27P
   VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
logo
Maxim Integrated Produc...
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17623EVKIT MAXIM-MAX17623EVKIT Datasheet
1Mb / 13P
   2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
MAXM17623 MAXIM-MAXM17623 Datasheet
920Kb / 18P
   2.9V to 5.5V, 1A Himalaya uSLIC Step-Down Power Modules
Rev 1; 2/19
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Shindengen Electric Mfg...
S1ZB20 SHINDENGEN-S1ZB20 Datasheet
297Kb / 6P
   General Purpose Rectifiers(200V 0.8A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
   5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
   2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Shindengen Electric Mfg...
S1ZB80 SHINDENGEN-S1ZB80 Datasheet
300Kb / 6P
   General Purpose Rectifiers(800V 0.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com