Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD203AC2 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KSD203AC2
Description  PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KSD203AC2 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KSD203AC2_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KSD203AC2_11 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATION
DATE: 05/27/11'
NO. 58022203
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY:
KSD203AC2
SHEET 1 OF 2
REV.
4
1. OUTSIDE DIMENSION : UNIT ( mm )
2. SCHEMATIC : TOP VIEW
ELECTRONICS CORPORATION
KSD203AC2
250VAC
32VDC
TYPE
LOAD
c o s m o
LOAD
INPUT
3A
to
4
+-
INPUT
0.50
9.00
24.00
10.00
1.20
10.12
12.70
5.08
37.00
LOAD
+
-
ELECTRONICS CORPORATION
250VAC
32VDC
KSD203AC2
TYPE
LOAD
c o s m o
INPUT
LOAD
3A
4 to
-
+
INPUT


Similar Part No. - KSD203AC2_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD203AC2 COSMO-KSD203AC2 Datasheet
285Kb / 2P
   SOLID STATE RELAY
More results

Similar Description - KSD203AC2_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com