Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6P21190HR6 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6P21190HR6
Description  RF Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P21190HR6 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6P21190HR6_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6P21190HR6_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6P21190HR6
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
10
--55
--15
0.1
7th Order
TWO--TONE SPACING (MHz)
VDD =28 Vdc,Pout = 190 W (PEP), IDQ = 1900 mA
Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
5th Order
3rd Order
--20
--30
--40
--45
--50
1
100
--25
--35
Figure 8. Pulsed CW Output Power versus
Input Power
44
58
34
P3dB = 54.45 dBm (279 W)
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ = 1900 mA
Pulsed CW, 8 μsec(on), 1 msec(off)
f = 2140 MHz
56
54
52
47
36
38
40
42
Actual
Ideal
P1dB = 53.7 dBm (233 W)
57
48
32
50
Figure 9. 2--Carrier W--CDMA ACPR, IM3,
Power Gain and Drain Efficiency
versus Output Power
0--60
Pout, OUTPUT POWER (WATTS) AVG.
30
--30
25
20
--35
15
--40
5
--50
1
10
100
--45
10
--55
IM3
ηD
Gps
ACPR
300
0
18
0
60
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
VDD =28 Vdc
IDQ = 1900 mA
f = 2140 MHz
100
10
15
12
9
6
3
50
40
30
20
10
Gps
ηD
Figure 11. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD =28 V
500
6
18
10
16
10
8
100
12
14
24 V
IDQ = 1900 mA
f = 2140 MHz
20 V
VDD =28 Vdc,IDQ = 1900 mA
f1 = 2135 MHz, f2 = 2145 MHz
2--Carrier W--CDMA, 10 MHz
Carrier Spacing, 3.84 MHz Channel Bandwidth
PAR = 8.5 dB @ 0.01% Probability (CCDF)
3
3
55
53
51
49
33
35
37
39
41
43


Similar Part No. - MRF6P21190HR6_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF6P21190HR6_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com