Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-16EU Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-16EU
Description  CEE 7/7 CONTINENTAL EUROPEAN RECEPTACLE 16A 250VAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-16EU Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-16EU Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
CEE 7/7 CONTINENTAL EUROPEAN
RECEPTACLE 16A 250VAC
PD-16EU
A
TD
06/09/99
PAD
06/09/99
SS
06/09/99
MATERIAL AND FINISH:
Insulator: Thermoplastic, UL-94V-0 rated, color white
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Rated current: 16A
Rated voltage: 250VAC
Insulation resistance: 100 Mohm min. at 500VDC
Dielectric withstanding voltage: 2000VAC for one minute
APPROVALS:
5.5
-0.5
2X Ø5.5
50.5
Ø39
50.5
33.5
-0.5
19.0
52 REF.
42.5±0.1
45.0
+0.2
4.0
24.2
5.5
RECOMMENDED
PANEL CUTOUT
40
D E
V
1.2t


Similar Part No. - PD-16EU

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
   42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
logo
Vishay Siliconix
PD-16A040 VISHAY-PD-16A040 Datasheet
67Kb / 2P
   Plasma Panel Displays 16 Character, 16 Segment Alphanumeric Display with .400" [10.16mm] High Characters
Revision 08-Nov-00
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
   AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
PD-16AU-1 POWERDYNAMICS-PD-16AU-1 Datasheet
43Kb / 1P
   AS 3112 AUSTRALIAN / NEW ZEALAND ROUND RECEPTACLE
PD-16F POWERDYNAMICS-PD-16F Datasheet
35Kb / 1P
   CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
More results

Similar Description - PD-16EU

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
12060 POWERDYNAMICS-12060 Datasheet
48Kb / 1P
   CONTINENTAL EUROPE CORD SET CEE 7/7 STRAIGHT TO IEC 60320 C19
logo
Tripp Lite. All Rights ...
P050008 TRIPPLITE-P050008 Datasheet
483Kb / 2P
   2-Prong European Power Cord, 16A (IEC-320-C19 to SCHUKO CEE 7-7), 8-ft
P058006 TRIPPLITE-P058006 Datasheet
480Kb / 2P
   2-Prong European Computer Power Cord (C5 to SCHUKO CEE 7-7), 6-ft
logo
PowerDynamics, Inc
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
   EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
logo
List of Unclassifed Man...
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
   CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
logo
Tripp Lite. All Rights ...
P054008 TRIPPLITE-P054008 Datasheet
476Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 8-ft
P054006 TRIPPLITE-P054006 Datasheet
474Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 6-ft
logo
List of Unclassifed Man...
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
   CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
   CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
   CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com