Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8361ART-EVAL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8361ART-EVAL
Description  LF to 2.5 GHz TruPwr??Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ART-EVAL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8361ART-EVAL Datasheet HTML 3Page - Analog Devices AD8361ART-EVAL Datasheet HTML 4Page - Analog Devices AD8361ART-EVAL Datasheet HTML 5Page - Analog Devices AD8361ART-EVAL Datasheet HTML 6Page - Analog Devices AD8361ART-EVAL Datasheet HTML 7Page - Analog Devices AD8361ART-EVAL Datasheet HTML 8Page - Analog Devices AD8361ART-EVAL Datasheet HTML 9Page - Analog Devices AD8361ART-EVAL Datasheet HTML 10Page - Analog Devices AD8361ART-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8361
–7–
REV. A
67mV
370mV
270mV
25mV
5 s PER HORIZONTAL DIVISION
GATE PULSE FOR
900MHz RF TONE
RF INPUT
500mV PER
VERTICAL
DIVISION
Figure 20. Output Response to Modulated Pulse Input
for Various RF Input Levels, Supply 3 V, Modulation
Frequency 900 MHz, No Filter Capacitor
67mV
370mV
25mV
500mV PER
VERTICAL
DIVISION
50 s PER HORIZONTAL DIVISION
RF INPUT
GATE PULSE FOR
900MHz RF TONE
270mV
Figure 21. Output Response to Modulated Pulse Input
for Various RF Input Levels, Supply 3 V, Modulation
Frequency 900 MHz, 0.01
µF Filter Capacitor
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
HPE3631A
POWER SUPPLY
C4
0.01 F
C2
100pF
HP8648B
SIGNAL
GENERATOR
C1
0.1 F
R1
75
C3
TEK TDS784C
SCOPE
C5
100pF
TEK P6204
FET PROBE
Figure 22. Hardware Configuration for Output Response
to Modulated Pulse Input
RF INPUT
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
PWDN INPUT
2 s PER HORIZONTAL DIVISION
Figure 23. Output Response Using Power-Down Mode
for Various RF Input Levels, Supply 3 V, Frequency
900 MHz, No Filter Capacitor
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
PWDN INPUT
20 s PER HORIZONTAL DIVISION
RF INPUT
Figure 24. Output Response Using Power-Down Mode
for Various RF Input Levels, Supply 3 V, Frequency
900 MHz, 0.01
µF Filter Capacitor
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
HPE3631A
POWER SUPPLY
C2
100pF
HP8648B
SIGNAL
GENERATOR
C1
0.1 F
R1
75
C3
HP8110A
PULSE
GENERATOR
C4
0.01 F
C5
100pF
TEK P6204
FET PROBE
TEK TDS784C
SCOPE
Figure 25. Hardware Configuration for Output Response
Using Power-Down Mode


Similar Part No. - AD8361ART-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
More results

Similar Description - AD8361ART-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com