Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1825C103J1RAC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # C1825C103J1RAC
Description  RF Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C1825C103J1RAC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  C1825C103J1RAC Datasheet HTML 1Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 2Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 3Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 4Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 5Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 6Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 7Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 8Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MRF6P27160HR6
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
2700
2600
2690
2680
2670
2660
2650
2620
2610
2630 2640
−15
−11
−12
−13
−14
−16
−14
−10
−11
−12
−13
−15
2700
2600
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance @ Pout = 35 Watts Avg.
2690
2680
2670
2660
2650
2620
2610
16
15.8
−65
24
22
−40
−50
−55
IRL
Gps
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance @ Pout = 70 Watts Avg.
15.2
15.1
−60
35
31
−30
−35
−45
−55
Figure 5. Two-Tone Power Gain versus
Output Power
Figure 6. Third Order Intermodulation Distortion
versus Output Power
100
12
17
0.1
IDQ = 2700 mA
2250 mA
Pout, OUTPUT POWER (WATTS) PEP
16
15
14
10
400
−30
1
IDQ = 900 mA
Pout, OUTPUT POWER (WATTS) PEP
100
−40
−50
−60
10
ηD
15.4
15
14.6
14.2
14
VDD = 28 Vdc, Pout = 35 W (Avg.),
IDQ = 1800 mA, N−CDMA IS−95 Pilot,
Sync, Paging, Traffic Codes 8 Through 13
14.9
14.7
14.5
14.3
14
13
900 mA
−20
1800 mA
14.4
14.8
15.2
15.6
−60
−45
20
15
14.8
14.6
14.4
33
−40
−50
ηD
ACPR
VDD = 28 Vdc, f1 = 2643.75 MHz, f2 = 2646.25 MHz
Two−Tone Measurements, 2.5 MHz Tone Spacing
1350 mA
2630 2640
IRL
ALT1
14.2
14.1
−10
ALT1
VDD = 28 Vdc, Pout = 70 W (Avg.),
IDQ = 1800 mA, N−CDMA IS−95 Pilot,
Sync, Paging, Traffic Codes 8 Through 13
1
1800 mA
1350 mA
0.1
VDD = 28 Vdc, f1 = 2643.75 MHz, f2 = 2646.25 MHz
Two−Tone Measurements, 2.5 MHz Tone Spacing
2250 mA
2700 mA
23
21
34
32
30
300


Similar Part No. - C1825C103J1RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C1825C103J1RAC FREESCALE-C1825C103J1RAC Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
C1825C103J1RAC NXP-C1825C103J1RAC Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
More results

Similar Description - C1825C103J1RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com