Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1825C103J1RAC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # C1825C103J1RAC
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C1825C103J1RAC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button C1825C103J1RAC Datasheet HTML 2Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 3Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 4Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 5Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 6Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 7Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 8Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 9Page - Freescale Semiconductor, Inc C1825C103J1RAC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6S23140HR3 MRF6S23140HSR3
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
10
−60
0
0.1
7th Order
TWO−TONE SPACING (MHz)
VDD = 28 Vdc, Pout = 140 W (PEP)
IDQ = 1300 mA, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 2350 MHz
5th Order
3rd Order
−20
−30
−40
−50
1
100
Figure 8. Pulsed CW Output Power versus
Input Power
43
59
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 1300 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 2350 MHz
49
45
33
31
37
35
41
Actual
Ideal
57
55
51
53
47
29
Figure 9. 2-Carrier W-CDMA ACPR, IM3, Power Gain
and Drain Efficiency versus Output Power
0
−55
Pout, OUTPUT POWER (WATTS) AVG.
42
−20
30
−25
24
−30
18
−35
6
−45
1
10
100
−40
12
IM3
Gps
TC = − 30_C
36
−50
ηD
25
_C
−30
_C
85
_C
ACPR
−10
39
P6dB = 53.51 dBm (224.39 W)
P3dB = 53.04 dBm (201.42 W)
P1dB = 52.22 dBm (162.72 W)
0.5
300
25
_C
85
_C
−30
_C
25
_C
−30
_C
85
_C
VDD = 28 Vdc, IDQ = 1300 mA
f1 = 2345 MHz, f2 = 2355 MHz
2−Carrier W−CDMA, 10 MHz
Carrier Spacing, 3.84 MHz Channel
Bandwidth, PAR = 8.5 dB @ 0.01%
Probability (CCDF)


Similar Part No. - C1825C103J1RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C1825C103J1RAC FREESCALE-C1825C103J1RAC Datasheet
492Kb / 11P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
C1825C103J1RAC NXP-C1825C103J1RAC Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
More results

Similar Description - C1825C103J1RAC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com