Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBJSERIES Datasheet(PDF) 5 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 5 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
33
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
Parametric Specifications by Rating per DSCC 95158 or 07016 where applicable
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
DSCC P/N
AVX DSCC & COTS-Plus P/N
Case
μF
V
mOhms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
07016 097 * @ ^ +
TBJ B 226 * 020 C
# @ 0 ^ ++
B
22
20
600
4.4
44
55
6
8
10
0.085
0.38
0.34
0.15
0.23
0.20
0.09
07016 098 * @ ^ +
TBJ C 226 * 020 C
# @ 0 ^ ++
C
22
20
400
4.4
44
55
6
8
10
0.110
0.52
0.47
0.21
0.21
0.19
0.08
95158 13 *
^
TBJ D 226 * 020 C
# @ 0 ^ ++
D
22
20
275
3.5
21
35
4
6
6
0.150
0.74
0.66
0.30
0.20
0.18
0.08
07016 099 * @ ^ +
TBJ C 336 * 020 C
# @ 0 ^ ++
C
33
20
300
6.6
66
83
6
8
10
0.110
0.61
0.54
0.24
0.18
0.16
0.07
07016 100 * @ ^ +
TBJ D 336 * 020 C
# @ 0 ^ ++
D
33
20
200
6.6
66
83
6
8
10
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 101 * @ ^ +
TBJ D 336 * 020 L
# @ 0 ^ ++
D
33
20
100
6.6
66
83
6
8
10
0.150
1.22
1.10
0.49
0.12
0.11
0.05
07016 102 * @ ^ +
TBJ D 476 * 020 C
# @ 0 ^ ++
D
47
20
200
9.4
94
118
6
8
10
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 103 * @ ^ +
TBJ D 476 * 020 L
# @ 0 ^ ++
D
47
20
100
9.4
94
118
6
8
10
0.150
1.22
1.10
0.49
0.12
0.11
0.05
95158 14 *
^
TBJ E 476 * 020 C
# @ 0 ^ ++
E
47
20
150
7.5
45
75
4
6
6
0.165
1.05
0.94
0.42
0.16
0.14
0.06
07016 104 * @ ^ +
TBJ D 686 * 020 C
# @ 0 ^ ++
D
68
20
200
13.6
136
170
6
8
10
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 105 * @ ^ +
TBJ D 686 * 020 L
# @ 0 ^ ++
D
68
20
70
13.6
136
170
6
8
10
0.150
1.46
1.32
0.59
0.10
0.09
0.04
07016 106 * @ ^ +
TBJ E 686 * 020 C
# @ 0 ^ ++
E
68
20
200
13.6
136
170
6
8
10
0.165
0.91
0.82
0.36
0.18
0.16
0.07
95158 15 *
^
TBJ E 686 * 020 L
# @ 0 ^ ++
E
68
20
125
13.6
136
170
6
8
9
0.165
1.15
1.03
0.46
0.14
0.13
0.06
07016 107 * @ ^ +
TBJ V 107 * 020 L
# @ 0 ^ ++
V
100
20
60
20
200
250
8
10
12
0.250
2.04
1.84
0.82
0.12
0.11
0.05
07016 108 M @ ^ +
TBJ A 684 M 025 C
# @ 0 ^ ++
A
0.7
25
10000
0.5
5646
8
0.075
0.09
0.08
0.03
0.87
0.78
0.35
07016 109 * @ ^ +
TBJ A 105 * 025 C
# @ 0 ^ ++
A
1.0
25
8000
0.5
5646
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
07016 110 * @ ^ +
TBJ A 155 * 025 C
# @ 0 ^ ++
A
1.5
25
7500
0.5
5668
10
0.075
0.10
0.09
0.04
0.75
0.68
0.30
07016 111 * @ ^ +
TBJ A 155 * 025 L
# @ 0 ^ ++
A
1.5
25
3000
0.5
5668
10
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 112 * @ ^ +
TBJ A 225 * 025 C
# @ 0 ^ ++
A
2.2
25
7000
0.5
5668
10
0.075
0.10
0.09
0.04
0.72
0.65
0.29
07016 113 * @ ^ +
TBJ B 225 * 025 C
# @ 0 ^ ++
B
2.2
25
2000
0.5
5668
10
0.085
0.21
0.19
0.08
0.41
0.37
0.16
07016 114 * @ ^ +
TBJ B 335 * 025 C
# @ 0 ^ ++
B
3.3
25
2000
0.5
5668
10
0.085
0.21
0.19
0.08
0.41
0.37
0.16
07016 115 * @ ^ +
TBJ A 475 * 025 C
# @ 0 ^ ++
A
4.7
25
3100
1.2
12
15
6
9
10
0.075
0.16
0.14
0.06
0.48
0.43
0.19
07016 116 * @ ^ +
TBJ B 475 * 025 C
# @ 0 ^ ++
B
4.7
25
1500
1.2
12
15
6
8
10
0.085
0.24
0.21
0.10
0.36
0.32
0.14
07016 117 * @ ^ +
TBJ B 475 * 025 L
# @ 0 ^ ++
B
4.7
25
700
1.2
12
15
6
8
10
0.085
0.35
0.31
0.14
0.24
0.22
0.10
07016 118 * @ ^ +
TBJ B 685 * 025 C
# @ 0 ^ ++
B
6.8
25
2800
1.7
17
21
6
8
10
0.085
0.17
0.16
0.07
0.49
0.44
0.20
07016 119 * @ ^ +
TBJ B 685 * 025 L
# @ 0 ^ ++
B
6.8
25
700
1.7
17
21
6
8
10
0.085
0.35
0.31
0.14
0.24
0.22
0.10
07016 120 * @ ^ +
TBJ C 685 * 025 C
# @ 0 ^ ++
C
6.8
25
700
1.7
17
21
6
8
10
0.110
0.40
0.36
0.16
0.28
0.25
0.11
07016 121 * @ ^ +
TBJ C 106 * 025 C
# @ 0 ^ ++
C
10
25
500
2.5
25
31
6
8
10
0.110
0.47
0.42
0.19
0.23
0.21
0.09
07016 122 * @ ^ +
TBJ C 106 * 025 L
# @ 0 ^ ++
C
10
25
300
2.5
25
31
6
8
10
0.110
0.61
0.54
0.24
0.18
0.16
0.07
95158 16 *
^
TBJ D 156 * 025 C
# @ 0 ^ ++
D
15
25
275
3.8
38
45.6
6
9
9
0.150
0.74
0.66
0.30
0.20
0.18
0.08
95158 17 *
^
TBJ E 156 * 025 C
# @ 0 ^ ++
E
15
25
200
3
18
30
4
6
6
0.165
0.91
0.82
0.36
0.18
0.16
0.07
07016 123 * @ ^ +
TBJ C 226 * 025 C
# @ 0 ^ ++
C
22
25
400
5.5
55
69
6
8
10
0.110
0.52
0.47
0.21
0.21
0.19
0.08
07016 124 * @ ^ +
TBJ C 226 * 025 L
# @ 0 ^ ++
C
22
25
275
5.5
55
69
6
8
10
0.110
0.63
0.57
0.25
0.17
0.16
0.07
07016 125 * @ ^ +
TBJ D 226 * 025 C
# @ 0 ^ ++
D
22
25
200
5.5
55
69
6
8
10
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 126 * @ ^ +
TBJ D 226 * 025 L
# @ 0 ^ ++
D
22
25
100
5.5
55
69
6
8
10
0.150
1.22
1.10
0.49
0.12
0.11
0.05
95158 18 *
^
TBJ E 226 * 025 L
# @ 0 ^ ++
E
22
25
225
4.4
26.4
44
4
6
6
0.165
0.86
0.77
0.34
0.19
0.17
0.08
07016 127 * @ ^ +
TBJ D 336 * 025 C
# @ 0 ^ ++
D
33
25
300
8.3
83
104
6
8
10
0.150
0.71
0.64
0.28
0.21
0.19
0.08
07016 128 * @ ^ +
TBJ D 336 * 025 L
# @ 0 ^ ++
D
33
25
100
8.3
83
104
6
8
10
0.150
1.22
1.10
0.49
0.12
0.11
0.05
95158 19 *
^
TBJ E 336 * 025 C
# @ 0 ^ ++
E
33
25
175
6.6
39.6
66
4
6
6
0.165
0.97
0.87
0.39
0.17
0.15
0.07
07016 129 * @ ^ +
TBJ E 336 * 025 L
# @ 0 ^ ++
E
33
25
100
8.3
83
104
6
8
10
0.165
1.35
1.22
0.54
0.12
0.11
0.05
07016 130 M @ ^ +
TBJ D 476 M 025 C
# @ 0 ^ ++
D
47
25
250
11.8
118
148
6
8
10
0.150
0.77
0.70
0.31
0.19
0.17
0.08
07016 131 M @ ^ +
TBJ D 476 M 025 L
# @ 0 ^ ++
D
47
25
175
11.8
118
148
6
8
10
0.150
0.93
0.83
0.37
0.16
0.15
0.06
07016 132 * @ ^ +
TBJ V 686 * 025 L
# @ 0 ^ ++
V
68
25
95
17
170
213
8
10
12
0.250
1.62
1.46
0.65
0.15
0.14
0.06
07016 133 M @ ^ +
TBJ A 474 M 035 C
# @ 0 ^ ++
A
0.47
35
12000
0.5
5646
8
0.075
0.08
0.07
0.03
0.95
0.85
0.38
07016 134 M @ ^ +
TBJ A 684 M 035 C
# @ 0 ^ ++
A
0.68
35
8000
0.5
5646
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
07016 135 * @ ^ +
TBJ A 105 * 035 C
# @ 0 ^ ++
A
1.0
35
7500
0.5
5646
6
0.075
0.10
0.09
0.04
0.75
0.68
0.30
07016 136 * @ ^ +
TBJ A 155 * 035 C
# @ 0 ^ ++
A
1.5
35
7500
0.5
5668
9
0.075
0.10
0.09
0.04
0.75
0.68
0.30
07016 137 * @ ^ +
TBJ B 155 * 035 C
# @ 0 ^ ++
B
1.5
35
5200
0.5
5668
9
0.085
0.13
0.12
0.05
0.66
0.60
0.27
07016 138 * @ ^ +
TBJ B 225 * 035 C
# @ 0 ^ ++
B
2.2
35
2000
0.8
8
10
6
8
9
0.085
0.21
0.19
0.08
0.41
0.37
0.16
07016 139 * @ ^ +
TBJ B 335 * 035 C
# @ 0 ^ ++
B
3.3
35
1000
1.2
12
15
6
8
9
0.085
0.29
0.26
0.12
0.29
0.26
0.12
07016 140 * @ ^ +
TBJ B 475 * 035 C
# @ 0 ^ ++
B
4.7
35
1500
1.6
16
20
6
8
9
0.085
0.24
0.21
0.10
0.36
0.32
0.14
95158 29 *
^
TBJ C 475 * 035 C
# @ 0 ^ ++
C
4.7
35
600
1.6
10.2
17
6
8
9
0.110
0.43
0.39
0.17
0.26
0.23
0.10
07016 141 * @ ^ +
TBJ D 475 * 035 L
# @ 0 ^ ++
D
4.7
35
450
1.6
16
20
6
8
9
0.110
0.49
0.44
0.20
0.22
0.20
0.09
07016 142 * @ ^ +
TBJ C 685 * 035 C
# @ 0 ^ ++
C
6.8
35
350
2.4
24
30
6
9
9
0.150
0.65
0.59
0.26
0.23
0.21
0.09
07016 143 * @ ^ +
TBJ D 685 * 035 C
# @ 0 ^ ++
D
6.8
35
400
2.4
24
30
6
9
9
0.165
0.64
0.58
0.26
0.26
0.23
0.10
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Description - TBJSERIES

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
COTS-PLUS AVX-COTS-PLUS Datasheet
78Kb / 6P
   DSCC Dwgs 07016 & 95158
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
   CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
NBM AVX-NBM Datasheet
118Kb / 2P
   NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com