Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844JR Datasheet(PDF) 4 Page - Analog Devices

Part # AD844JR
Description  60 MHz, 2000 V/us Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844JR Datasheet(HTML) 4 Page - Analog Devices

  AD844JR Datasheet HTML 1Page - Analog Devices AD844JR Datasheet HTML 2Page - Analog Devices AD844JR Datasheet HTML 3Page - Analog Devices AD844JR Datasheet HTML 4Page - Analog Devices AD844JR Datasheet HTML 5Page - Analog Devices AD844JR Datasheet HTML 6Page - Analog Devices AD844JR Datasheet HTML 7Page - Analog Devices AD844JR Datasheet HTML 8Page - Analog Devices AD844JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
–4–
(TA = +25 C and VS =
15 V, unless otherwise noted)
AD844–Typical Characteristics
Figure 1. –3 dB Bandwidth vs.
Supply Voltage R1 = R2 = 500
Figure 4. Noninverting Input Voltage
Swing vs. Supply Voltage
Figure 7. Inverting Input Bias Cur-
rent (IBN) and Noninverting Input
Bias Current (IBP) vs. Temperature
Figure 2. Harmonic Distortion
vs. Frequency, R1 = R2 = 1 k
Figure 5. Output Voltage Swing
vs. Supply Voltage
Figure 8. Output Impedance vs.
Frequency, Gain = –1, R1 = R2 = 1 k
Figure 3. Transresistance
vs. Temperature
Figure 6. Quiescent Supply Current
vs. Temperature and Supply Voltage
Figure 9. –3 dB Bandwidth vs.
Temperature, Gain = –1,
R1 = R2 = 1 k


Similar Part No. - AD844JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844JR-16 AD-AD844JR-16 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844JR-16 AD-AD844JR-16 Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844JR-16-REEL AD-AD844JR-16-REEL Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844JR-16-REEL AD-AD844JR-16-REEL Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844JR-16-REEL7 AD-AD844JR-16-REEL7 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Similar Description - AD844JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com