Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PASP01S-60-2MB Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PASP01S-60-2MB
Description  RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PASP01S-60-2MB Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PASP01S-60-2MB Datasheet HTML 1Page - PowerDynamics, Inc PASP01S-60-2MB Datasheet HTML 2Page - PowerDynamics, Inc PASP01S-60-2MB Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Medical Applications
Non-Medical Applications
PA Series Attenuation Tables
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 39 32 16 21
9 26 37 62 51 11
29 32 34 30 19 16
8 23 34 60 48 13
28 35 37 28 22 19
8 19 28 52 44 12
18 22 24 27 25 18
8 18 26 52 45 27
8 13 15 17 16 14
8 18 25 32 28 24
7 12 15 16 14 11
7 17 24 41 32 23
25 31 33 30 24 21
1 5 14 41 46 17
23 27 28 29 24 23
1 5 14 45 58 15
19 22 24 27 27 20
1 4 10 39 50 34
15 21 24 23 21 17
1 4 9 30 49 28
11 16 18 17 16 12
1 4 8 26 45 24
7 13 15 16 14 11
1 3 7 26 39 23
29 33 34 30 20 16
8 24 35 58 45 15
28 35 37 28 22 24
8 20 29 61 48 15
25 33 58 51 56 41
8 20 30 57 47 13
19 26 29 28 25 14
8 18 26 46 43 22
11 16 18 18 16 12
8 18 24 47 36 24
36 41 43 37 32 28
8 23 34 60 53 30
31 37 39 35 29 22
8 22 32 66 55 22
28 35 37 28 21 21
8 20 29 54 44 14
22 28 31 30 27 16
8 18 26 43 43 26
12 16 18 20 19 15
8 18 24 49 42 27
32 37 40 35 29 23
3 15 25 74 58 21
29 33 34 30 16 21
3 16 27 57 50 20
28 35 37 28 22 23
3 13 22 59 48 16
18 23 25 27 26 20
3 12 19 48 49 30
11 16 18 18 17 14
3 11 17 42 38 27
7 13 15 16 14 11
3 11 17 43 30 22
36 41 43 37 31 25
1 12 23 54 57 28
32 37 40 36 30 22
1 11 22 63 59 24
23 27 28 31 30 30
1 10 19 61 52 32
19 26 29 29 25 17
1 8 15 39 45 25
11 16 18 18 17 14
2 8 14 42 34 25
4 13 15 16 14 11
1 8 14 48 29 21
36 41 43 37 32 28
3 16 27 64 60 31
31 37 40 36 29 25
3 15 25 80 60 25
20 24 25 26 24 23
3 12 21 47 42 22
14 17 19 22 22 19
3 11 18 43 35 29
11 16 18 18 16 12
3 11 17 48 34 23
32 36 37 28 19 11
1 14 26 53 42 16
29 33 34 31 20 17
1 13 24 61 50 14
23 26 28 31 30 31
1 9 19 54 53 29
16 19 21 24 24 21
2 8 15 56 38 33
11 16 18 18 17 14
2 8 14 41 34 25
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 40 32 26 11
8 25 37 71 62 12
29 32 55 48 49 51
8 23 34 68 64 14
28 36 39 45 48 39
8 19 27 58 65 15
18 24 28 44 50 47
8 18 26 43 51 31
8 14 18 33 41 39
8 18 25 29 38 31
7 14 19 34 40 38
7 17 23 39 47 27
25 31 33 30 25 14
1 4 12 50 64 16
24 28 20 53 54 55
1 4 13 53 57 16
19 22 24 27 27 22
1 3 8 48 59 31
15 24 30 44 52 40
1 4 8 36 52 28
11 18 23 39 49 37
1 4 8 26 46 24
7 15 20 38 46 37
1 4 8 25 48 28
29 33 47 53 57 41
8 23 35 73 58 14
28 37 44 52 56 41
8 19 27 74 59 17
25 33 46 53 57 44
8 19 29 63 62 13
19 29 36 49 55 46
8 18 23 50 54 24
11 19 24 41 53 36
8 18 24 51 46 25
7 15 21 37 46 36
7 17 23 39 48 27
36 41 41 49 49 46
8 23 33 62 62 32
36 41 41 49 49 46
8 23 33 62 62 32
28 35 37 41 42 42
8 19 28 56 57 17
21 28 31 41 44 41
8 18 25 45 48 29
12 16 19 45 37 41
8 18 24 52 53 30
7 13 16 28 32 37
7 17 24 32 32 30
32 39 55 55 56 52
3 14 25 75 63 24
29 34 46 56 58 49
3 15 27 67 59 21
28 38 44 51 58 39
3 12 20 66 57 18
18 25 31 49 56 47
3 11 17 55 59 32
11 19 24 40 50 40
3 12 17 48 46 29
7 14 20 39 45 37
3 11 17 50 46 29
36 41 62 54 50 36
1 11 22 64 70 29
32 39 56 56 58 58
1 10 21 76 62 23
23 29 35 53 52 40
1 9 17 66 65 33
19 29 35 51 54 49
2 8 13 47 57 28
11 19 25 40 51 39
2 9 14 46 51 29
4 15 21 36 44 38
1 8 14 50 46 26
36 41 59 54 54 47
3 15 26 68 71 32
31 37 47 51 49 40
3 14 24 69 63 26
20 25 28 44 49 42
3 12 19 61 57 27
14 19 22 39 48 41
3 11 17 48 50 33
11 17 22 36 42 38
3 11 17 39 55 27
4 14 19 34 40 38
3 12 17 38 42 28
32 34 52 44 44 41
1 14 25 60 66 21
29 32 56 49 50 45
1 12 24 67 62 14
23 27 30 49 52 46
1 9 17 59 69 30
16 20 24 42 51 42
1 8 14 58 52 33
11 17 22 36 41 40
2 8 14 37 54 27
4 14 19 33 39 39
1 8 14 48 42 28
36 42 43 37 31 36
1 2 5 17 23 33
30 37 39 29 22 27
1 1 3 14 21 13
28 35 37 28 22 31
1 1 2 11 18 12
21 29 32 31 27 17
1 1 1
7 12 23
11 16 18 18 17 14
1 1 1
5 3
9
6 12 15 16 15 11
1 1 1
1 3
6
Attenuation
Code
A
B
C
D
E
F
G
H
I
Attenuation
Code
M1
M2
M3
M4
M5
M6
M7
M8
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
"
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
22
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PASP01S-60-2MB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
   Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1L MINI-PAS-1L Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1M MINI-PAS-1M Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1U MINI-PAS-1U Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
More results

Similar Description - PASP01S-60-2MB

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
42R51-5126 POWERDYNAMICS-42R51-5126 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, PC TERMINALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com