Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844AN Datasheet(PDF) 3 Page - Analog Devices

Part # AD844AN
Description  60 MHz, 2000 V/us Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844AN Datasheet(HTML) 3 Page - Analog Devices

  AD844AN Datasheet HTML 1Page - Analog Devices AD844AN Datasheet HTML 2Page - Analog Devices AD844AN Datasheet HTML 3Page - Analog Devices AD844AN Datasheet HTML 4Page - Analog Devices AD844AN Datasheet HTML 5Page - Analog Devices AD844AN Datasheet HTML 6Page - Analog Devices AD844AN Datasheet HTML 7Page - Analog Devices AD844AN Datasheet HTML 8Page - Analog Devices AD844AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT SLEW RATE
Overdriven
Input
1200
2000
1200
2000
1200 2000
V/
µs
FULL POWER BANDWIDTH
VOUT = 20 V p-p
5
VS = ± 15 V
20
20
20
MHz
VOUT = 2 V p-p
5
VS = ± 5 V
20
20
20
MHz
THD = 3%
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500 Ω
10
11
10
11
10
11
±V
Short Circuit Current
80
80
80
mA
TMIN–TMAX
60
60
60
mA
Output Resistance
Open Loop
15
15
15
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
+4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN–TMAX
7.5
8.5
7.5
8.5
8.5
9.5
mA
NOTES
1Rated performance after a 5 minute warmup at T
A = 25°C.
2Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. R
L= 100 Ω; R1, R2 = 300 Ω.
3Input signal 0 dBm, C
L = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 500 Ω in Figure 26.
4Input signal 0 dBm, C
L =10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 26.
5C
L = 10 pF, RL = 500 Ω, R1 = 1 kΩ, R2 = 1 kΩ in Figure 26.
6C
L = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 26.
Specifications subject to change without notice. All min and max specifications are guaranteed.
Specifications shown in boldface are tested on all production units at final electrical test.
AD844
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Inverting Input Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Storage Temperature Range (Q) . . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device
reliability.
228-Pin Plastic Package:
θ
JA = 100°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt
16-Pin SOIC Package:
θ
JA = 100°C/Watt
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimension shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD844JR
0
°C to +70°C
R-16
AD844JR-REEL
0
°C to +70°C
Tape and Reel
AD844AN
–40
°C to +85°C
N-8
AD844AQ
–40
°C to +85°C
Q-8
AD844BQ
–40
°C to +85°C
Q-8
AD844SQ
–55
°C to +125°C
Q-8
AD844SQ/883B
–55
°C to +125°C
Q-8
5962-8964401PA
–55
°C to +125°C
Q-8
AD844A Chips
–40
°C to +85°C
Die
AD844S Chips
–55
°C to +125°C
Die
*N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).


Similar Part No. - AD844AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844AN AD-AD844AN Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844AN AD-AD844AN Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

Similar Description - AD844AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com