Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2743021447 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 2743021447
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

2743021447 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  2743021447 Datasheet HTML 1Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 2Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 3Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 4Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 5Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 6Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 7Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 8Page - Freescale Semiconductor, Inc 2743021447 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6V2300NR1 MRF6V2300NBR1
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
2.5
mA
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
50
μAdc
Drain--Source Breakdown Voltage
(ID = 150 mA, VGS =0 Vdc)
V(BR)DSS
110
Vdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
10
μAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 800 μAdc)
VGS(th)
1
1.63
3
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 900 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.6
3.5
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
0.28
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
2.88
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
120
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
268
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 900 mA, Pout = 300 W, f = 220 MHz, CW
Power Gain
Gps
24
25.5
27
dB
Drain Efficiency
ηD
66
68
%
Input Return Loss
IRL
--16
--9
dB
Typical Performances (In Freescale 27 MHz and 450 MHz Test Fixtures, 50 ohm system) VDD =50 Vdc, IDQ = 900 mA, Pout = 300 W CW
Power Gain
f = 27 MHz
f = 450 MHz
Gps
31.4
21.7
dB
Drain Efficiency
f = 27 MHz
f = 450 MHz
ηD
61.5
59.1
%
Input Return Loss
f = 27 MHz
f = 450 MHz
IRL
--17.4
--24.4
dB
ATTENTION: The MRF6V2300N and MRF6V2300NB are high power devices and special considerations
must be followed in board design and mounting. Incorrect mounting can lead to internal temperatures which
exceed the maximum allowable operating junction temperature. Refer to Freescale Application Note AN3263
(for bolt down mounting) or AN1907 (for solder reflow mounting) PRIOR TO STARTING SYSTEM DESIGN to
ensure proper mounting of these devices.


Similar Part No. - 2743021447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
2743021447 FREESCALE-2743021447 Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
logo
Fair-Rite Products Corp...
2743021447 FAIR-RITE-2743021447 Datasheet
1Mb / 3P
   SM Beads (Differential- Mode)
2743021447 FAIR-RITE-2743021447 Datasheet
150Kb / 1P
   43 SM BEAD
logo
NXP Semiconductors
2743021447 NXP-2743021447 Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
logo
Freescale Semiconductor...
2743021447 FREESCALE-2743021447 Datasheet
1Mb / 27P
   RF Power LDMOS Transistors
More results

Similar Description - 2743021447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com