Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2743019447 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 2743019447
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

2743019447 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 2743019447 Datasheet HTML 5Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 6Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 7Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 8Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 9Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 10Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 11Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 12Page - Freescale Semiconductor, Inc 2743019447 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
9
RF Device Data
Freescale Semiconductor
Figure 16. MRF6V2300NR1(NBR1) Test Circuit Component Layout — 27 MHz
C20 C19
B1
C18
C17
C16
C15
B2
C14
C11
C13
C12
L2*, R3*, **
C2 C1
T1
L1
C6
C3
C5
C4
R1
R2
C7
C8
T2
C9
C10
C23
C22
C21
L3*, R4*, **
C24
B3
C25
27 MHz
272--WB
Rev. 0
Table 7. MRF6V2300NR1(NBR1) Test Circuit Component Designations and Values — 27 MHz
Part
Description
Part Number
Manufacturer
B1, B3
95 Ω, 100 MHz Long Ferrite Beads
2743021447
Fair--Rite
B2
47 Ω, 100 MHz Short Ferrite Bead
2743019447
Fair--Rite
C1
160 pF Chip Capacitor
ATC100B161JT500XT
ATC
C2
620 pF Chip Capacitor
ATC100B621JT100XT
ATC
C3, C4, C5
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C6
68 pF Chip Capacitor
ATC100B680JT500XT
ATC
C7, C8
330 pF Chip Capacitors
ATC100B331JT200XT
ATC
C9
51 pF Chip Capacitor
ATC100B510GT500XT
ATC
C10
240 pF Chip Capacitor
ATC100B241JT200XT
ATC
C11, C16, C24
0.1 μF Chip Capacitors
CDR33BX104AKYS
Kemet
C12, C17
22K pF Chip Capacitors
ATC200B223KT50XT
ATC
C13
0.22 μF, 50 V Chip Capacitor
C1812C224K5RAC--TU
Kemet
C14, C15
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC--TU
Kemet
C18, C21, C22
39K pF Chip Capacitors
ATC200B393KT50XT
ATC
C19
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C20
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C23
0.01 μF, 100 V Chip Capacitor
C1825C103K1GAC--TU
Kemet
C25
470 μF, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
L1
100 nH Inductor
1812SMS--R10J
Coilcraft
L2*
11 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
L3*
9 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
R1, R2
3.3 Ω, 1/4 W Chip Resistors
RK73B2ETTD3R3J
KOA
R3*, **
110 Ω, 1/4 W Carbon Resistor
MCCFR0W4J0111A50
Multicomp
R4*, **
510 Ω, 1/2 W Carbon Resistor
MCRC1/2G511JT--RH
Multicomp
T1
RF600 Transformer 16:1 Impedance Ratio
RF600LF--16
Comm Concepts
T2
RF1000 Transformer 9:1 Impedance Ratio
RF1000LF--9
Comm Concepts
* Leaded components mounted over traces.
** Resistor is mounted at center of inductor coil.


Similar Part No. - 2743019447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
2743019447 FREESCALE-2743019447 Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
2743019447 NXP-2743019447 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Freescale Semiconductor...
2743019447 FREESCALE-2743019447 Datasheet
928Kb / 20P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
2743019447 NXP-2743019447 Datasheet
916Kb / 21P
   RF Power Field Effect Transistors
Rev. 0, 3/2009
logo
Freescale Semiconductor...
2743019447 FREESCALE-2743019447 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - 2743019447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com