Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X7R2A225KT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # C3225X7R2A225KT
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C3225X7R2A225KT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button C3225X7R2A225KT Datasheet HTML 2Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 3Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 4Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 5Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 6Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 7Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 8Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 9Page - Freescale Semiconductor, Inc C3225X7R2A225KT Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
TYPICAL CHARACTERISTICS — 860 MHz
IDS(Q) = 100 mA
Figure 4. Normalized VGS Quiescent versus
Case Temperature
3.3
0
10
2.1
2.3
2.2
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 5. Drain Current versus Gate--Source Voltage
2.4
9
4
VDD =50 Vdc
Note: Measured with both sides of the transistor tied together.
TC, CASE TEMPERATURE (°C)
1.06
1.05
1.04
1.02
1.01
1.03
1
0.99
0.98
0.97
0.96
0.95
0.94
100
--50
0
--25
25
50
75
1400 mA
1900 mA
2400 mA
VDD =50 Vdc
8
7
6
5
2
3
1
2.6
2.5
2.7
2.9
2.8
3
3.1 3.2
40 Vdc
30 Vdc
20 Vdc
10 Vdc
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 6. Capacitance versus Drain--Source Voltage
30
100
10
40
Coss
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
Crss
50
64
32
62
Pin, INPUT POWER (dBm)
Figure 7. Pulsed CW Output Power versus
Input Power
60
43
58
36
37
38
39
40
41
42
P3dB = 59.0 dBm (794 W)
Actual
Ideal
P2dB = 58.8 dBm (759 W)
VDD =50 Vdc,IDQ = 1400 mA, f = 860 MHz
Pulse Width = 100 μsec, Duty Cycle = 10%
56
54
34
35
33
P1dB = 58.4 dBm (692 W)
52
Figure 8. Pulsed Power Gain and Drain Efficiency
versus Output Power
Pout, OUTPUT POWER (WATTS) PULSED
16
22
10
19
21
20
100
1000
ηD
Gps
18
17
VDD =50 Vdc,IDQ = 1400 mA
f = 860 MHz
Pulse Width = 100 μsec
Duty Cycle = 10%
0
60
50
20
40
30
10


Similar Part No. - C3225X7R2A225KT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C3225X7R2A225KT FREESCALE-C3225X7R2A225KT Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
More results

Similar Description - C3225X7R2A225KT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com