Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B750JT500XT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # ATC100B750JT500XT
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B750JT500XT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button ATC100B750JT500XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc ATC100B750JT500XT Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6V2150NR1 MRF6V2150NBR1
TYPICAL CHARACTERISTICS
Figure 10. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD =20 V
25 V
200
14
26
050
18
16
100
150
24
22
IDQ = 450 mA
f = 220 MHz
30 V
35 V
40 V
50 V
20
45 V
35
35
55
10
25_C
TC =--30_C
85_C
25
15
50
45
40
Pin, INPUT POWER (dBm)
Figure 11. Power Output versus Power Input
VDD =50 Vdc
IDQ = 450 mA
f = 220 MHz
20
30
21
28
5
10
80
10
26
24
70
60
50
40
30
20
Pout, OUTPUT POWER (WATTS) CW
Figure 12. Power Gain and Drain Efficiency
versus CW Output Power
ηD
27
25
23
100
200
25_C
TC =--30_C
85_C
85_C
Gps
VDD =50 Vdc
IDQ = 450 mA
f = 220 MHz
25_C
--30_C
22
250
108
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD =50 Vdc,Pout = 150 W CW, and ηD = 68.3%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
105
110
130
150
170
190
210
230


Similar Part No. - ATC100B750JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC100B750JT500XT FREESCALE-ATC100B750JT500XT Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
More results

Similar Description - ATC100B750JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com