Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B6R8CT500XT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # ATC100B6R8CT500XT
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B6R8CT500XT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button ATC100B6R8CT500XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 10Page - Freescale Semiconductor, Inc ATC100B6R8CT500XT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — DVB--T (8k OFDM)
12
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 9. Source Peak--to--Average DVB--T (8k OFDM)
10
1
0.1
0.01
0.001
24
6
8
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
5
--20
--5
7.61 MHz
f, FREQUENCY (MHz)
Figure 10. DVB--T (8k OFDM) Spectrum
--30
--40
--50
--90
--70
--80
--100
--110
--60
--4
--3
--2
--1
0
1
2
3
4
4kHz BW
10
ACPR Measured at 4 MHz Offset
from Center Frequency
Figure 11. Single--Carrier DVB--T (8k OFDM) Drain
Efficiency, Power Gain and ACPR versus Output Power
10
--68
Pout, OUTPUT POWER (WATTS) AVG.
40
--56
25
15
--58
--62
35
30
20
--60
--64
--66
ηD
Gps
ACPR
VDD =50 Vdc,IDQ = 1400 mA
f = 860 MHz, DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
4kHz BW
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation, 5 Symbols
20
140
200
40
60
80
100
120
160
180


Similar Part No. - ATC100B6R8CT500XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC100B6R8CT500XT NXP-ATC100B6R8CT500XT Datasheet
989Kb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 12/2008
ATC100B6R8CT500XT NXP-ATC100B6R8CT500XT Datasheet
831Kb / 16P
   RF Power LDMOS Transistor
ATC100B6R8CT500XT NXP-ATC100B6R8CT500XT Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
ATC100B6R8CT500XT NXP-ATC100B6R8CT500XT Datasheet
502Kb / 18P
   RF Power LDMOS Transistor
Rev. 0, 04/2018
More results

Similar Description - ATC100B6R8CT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com