Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESME630ELL471MK25S Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # ESME630ELL471MK25S
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ESME630ELL471MK25S Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button ESME630ELL471MK25S Datasheet HTML 5Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 6Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 7Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 8Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 9Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 10Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 11Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 12Page - Freescale Semiconductor, Inc ESME630ELL471MK25S Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MRF6V2150NR1 MRF6V2150NBR1
9
RF Device Data
Freescale Semiconductor
Figure 16. MRF6V2150NR1(NBR1) Test Circuit Component Layout — 450 MHz
450 MHz
272--WB
C10
Rev. 1
C9
B1
C8
C6
C7
B2
C5
L2
L1
C11
C2
C1
C3
C4
C21
C20
C19
B3
C22
L4
L3
C18
C13
C12
C12
C14
C15
C16
C17
Table 8. MRF6V2150NR1(NBR1) Test Circuit Component Designations and Values — 450 MHz
Part
Description
Part Number
Manufacturer
B1, B2, B3
47 Ω, 100 MHz Short Ferrite Beads
2743019447
Fair--Rite
C1
6.8 pF Chip Capacitor
ATC100B6R8CT500XT
ATC
C2
15 pF Chip Capacitor
ATC100B150JT500XT
ATC
C3, C5, C17, C18
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C4
36 pF Chip Capacitor
ATC100B360JT500XT
ATC
C6, C21
0.1 μF, 50 V Chip Capacitors
CDR33BX104AKYS
Kemet
C7, C20
10K pF Chip Capacitors
ATC200B103KT50XT
ATC
C8, C19
22K pF Chip Capacitors
ATC200B223KT50XT
ATC
C9
10 μF, 35 V Tantalum Capacitor
T491D106K035AS
Kemet
C10
22 μF, 35 V Tantalum Capacitor
T491X226K035AS
Kemet
C11
47 μF, 50 V Electrolytic Capacitor
476KXM050M
Illinois Capacitor
C12
18 pF Chip Capacitor
ATC100B180JT500XT
ATC
C13
10 pF Chip Capacitor
ATC100B100JT500XT
ATC
C14
0.6 -- 4.5 pF Variable Capacitor
27271SL
Johanson
C15
3 pF Chip Capacitor
ATC100B3R0CT500XT
ATC
C16
0.5 pF Chip Capacitor
ATC100B0R5BT500XT
ATC
C22
470 μF, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
L1, L2
5 nH Mini Spring Air Core Inductors
A02TKLC
Coilcraft
L3
17.5 nH Mini Spring Air Core Inductor
B06TJLC
Coilcraft
L4
82 nH Midi Spring Air Core Inductor
1812SMS--82NJLC
Coilcraft
PCB
Arlon CuClad 250GX--0300--55--22, 0.030″, εr =2.55
DS2054
DS


Similar Part No. - ESME630ELL471MK25S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ESM ITT-ESM Datasheet
41Kb / 2P
   Single and Double Switch Modules
logo
C&K Components
ESM CK-COMPONENTS-ESM Datasheet
170Kb / 2P
   Single & Double Switch Modules
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
   75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
   75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
   75W Programmable IP66/IP67 Driver
Rev.C
More results

Similar Description - ESME630ELL471MK25S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com