Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW120610ROJNEA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # CRCW120610ROJNEA
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CRCW120610ROJNEA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  CRCW120610ROJNEA Datasheet HTML 1Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 2Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 3Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 4Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 5Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 6Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 7Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 8Page - Freescale Semiconductor, Inc CRCW120610ROJNEA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (2001--4000 V)
Machine Model (per EIA/JESD22--A115)
B (201--400 V)
Charge Device Model (per JESD22--C101)
IV (>1000 V)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
0.5
μAdc
Drain--Source Breakdown Voltage
(ID =50 mA, VGS =0 Vdc)
V(BR)DSS
115
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
20
μAdc
On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 100 μAdc)
VGS(th)
0.9
1.6
2.4
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 350 mAdc, Measured in Functional Test)
VGS(Q)
2.0
2.7
3.5
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =0.25 Adc)
VDS(on)
0.2
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance (2)
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
41
pF
Output Capacitance (2)
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
65.4
pF
Input Capacitance (2)
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
591
pF
Functional Tests (In Freescale Single--Ended Narrowband Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 350 mA, Pout =18 W Avg.,
f = 860 MHz, DVB--T (8k OFDM) Single Channel. ACPR measured in 7.61 MHz Channel Bandwidth @ ±4 MHz Offset @ 4 kHz Bandwidth.
Power Gain
Gps
21.0
22.0
24.0
dB
Drain Efficiency
ηD
27.5
28.5
%
Adjacent Channel Power Ratio
ACPR
--62.0
--60.0
dBc
Input Return Loss
IRL
--14
--9
dB
1. Each side of device measured separately.
2. Part internally input matched.


Similar Part No. - CRCW120610ROJNEA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CRCW120610ROJNEA FREESCALE-CRCW120610ROJNEA Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
More results

Similar Description - CRCW120610ROJNEA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRF6S21140HR3 FREESCALE-MRF6S21140HR3 Datasheet
517Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S18170H FREESCALE-MRF7S18170H Datasheet
478Kb / 15P
   RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF5S19090HR3 FREESCALE-MRF5S19090HR3 Datasheet
423Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030MR1 FREESCALE-MRF9030MR1_07 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com