Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF--35 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 10Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 11Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 12Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 13Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
D
0.642
D
B
C
C
1.171
1.359
0.831
1.000
0.125
1.875
0.430
1.570
A
A
E
E
0.500
0.595
1.405
1.500
R0.370
2.000
Diamond Saw (0.015″)2X
0.0000
0.0050
A
E
A
E
0.270
Drill from bottom Dia. = 0.257″
0.000
0.490
0.250
T0--272 0.490″ Copper Heatsink (for 30 mil 1 oz/1 oz PCB)
Designators
Details
A
2 places, mill down cavity 0.250″
B
2 places, on sides, 0.1875 diameter notch 0.020″ deep (N connector notch)
C
4 places, side, drill & tap #2--56 screw 0.500″ deep (SMA holes)
D
4 places, side, drill & tap #4--40 screw 0.500″ deep (N conn holes)
E
2 places drill diameter = 0.257″, from bottom depth = 0.270″
All others, drill through & tap for #4--40 screw
Figure 22. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference
Circuit Component Layout — Heatsink


Similar Part No. - RF--35

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RF-0505D RECOM-RF-0505D Datasheet
92Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RF-0505DH RECOM-RF-0505DH Datasheet
92Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RF-0505S RECOM-RF-0505S Datasheet
92Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RF-0505SH RECOM-RF-0505SH Datasheet
92Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RF-0509D RECOM-RF-0509D Datasheet
92Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RF--35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRF6S21140HR3 FREESCALE-MRF6S21140HR3 Datasheet
517Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S18170H FREESCALE-MRF7S18170H Datasheet
478Kb / 15P
   RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF5S19090HR3 FREESCALE-MRF5S19090HR3 Datasheet
423Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030MR1 FREESCALE-MRF9030MR1_07 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com