Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8400AN50 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8400AN50
Description  1-/2-/4-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8400AN50 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8400AN50 Datasheet HTML 3Page - Analog Devices AD8400AN50 Datasheet HTML 4Page - Analog Devices AD8400AN50 Datasheet HTML 5Page - Analog Devices AD8400AN50 Datasheet HTML 6Page - Analog Devices AD8400AN50 Datasheet HTML 7Page - Analog Devices AD8400AN50 Datasheet HTML 8Page - Analog Devices AD8400AN50 Datasheet HTML 9Page - Analog Devices AD8400AN50 Datasheet HTML 10Page - Analog Devices AD8400AN50 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8400/AD8402/AD8403
REV. B
–7–
AD8400 PIN DESCRIPTIONS
Pin
Name
Description
1
B1
Terminal B RDAC
2
GND
Ground
3
CS
Chip Select Input, Active Low. When CS
returns high data in the serial input register is
loaded into the DAC register.
4
SDI
Serial Data Input
5
CLK
Serial Clock Input, positive edge triggered
6VDD
Positive power supply, specified for operation
at both +3 V and +5 V.
7
W1
Wiper RDAC, addr = 002
8
A1
Terminal A RDAC
AD8402 PIN DESCRIPTIONS
Pin
Name
Description
1
AGND
Analog Ground*
2
B2
Terminal B RDAC #2
3
A2
Terminal A RDAC #2
4
W2
Wiper RDAC #2, Addr = 012
5
DGND
Digital Ground*
6
SHDN
Terminal A open circuit. Shutdown controls
Variable Resistors #1 and #2
7
CS
Chip Select Input, Active Low. When CS
returns high data in the serial input register is
decoded based on the address bits and loaded
into the target DAC register.
8
SDI
Serial Data Input
9
CLK
Serial Clock Input, positive edge triggered
10
RS
Active low reset to midscale; sets RDAC
registers to 80H
11
VDD
Positive power supply, specified for operation
at both +3 V and +5 V
12
W1
Wiper RDAC #1, addr = 002
13
A1
Terminal A RDAC #1
14
B1
Terminal B RDAC #1
*All AGNDs must be connected to DGND.
AD8403 PIN DESCRIPTIONS
Pin
Name
Description
1
AGND2
Analog Ground #2*
2
B2
Terminal B RDAC #2
3
A2
Terminal A RDAC #2
4
W2
Wiper RDAC #2, addr = 012
5
AGND4
Analog Ground #4*
6
B4
Terminal B RDAC #4
7
A4
Terminal A RDAC #4
8
W4
Wiper RDAC #4, addr = 112
9
DGND
Digital Ground*
10
SHDN
Active Low Input. Terminal A open circuit.
Shutdown controls variable resistors #1
through #4
11
CS
Chip Select Input, Active Low. When CS
returns high data in the serial input register
is decoded based on the address bits and
loaded into the target DAC register.
12
SDI
Serial Data Input
13
SDO
Serial Data Output, Open Drain transistor
requires pull-up resistor
14
CLK
Serial Clock Input, positive edge triggered
15
RS
Active low reset to midscale; sets RDAC
registers to 80H
16
VDD
Positive power supply, specified for
operation at both +3 V and +5 V
17
AGND3
Analog Ground #3*
18
W3
Wiper RDAC #3, addr = 102
19
A3
Terminal A RDAC #3
20
B3
Terminal B RDAC #3
21
AGND1
Analog Ground #1*
22
W1
Wiper RDAC #1, addr = 002
23
A1
Terminal A RDAC #1
24
B1
Terminal B RDAC #1
*All AGNDs must be connected to DGND.


Similar Part No. - AD8400AN50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8400AR1 AD-AD8400AR1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1 AD-AD8400AR1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1-REEL AD-AD8400AR1-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1-REEL AD-AD8400AR1-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR10 AD-AD8400AR10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Similar Description - AD8400AN50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com