Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT101T Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KT101T
Description  4Pin Phototransistor Output ,Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT101T Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KT101T Datasheet HTML 1Page - COSMO  Electronics Corporation KT101T Datasheet HTML 2Page - COSMO  Electronics Corporation KT101T Datasheet HTML 3Page - COSMO  Electronics Corporation KT101T Datasheet HTML 4Page - COSMO  Electronics Corporation KT101T Datasheet HTML 5Page - COSMO  Electronics Corporation KT101T Datasheet HTML 6Page - COSMO  Electronics Corporation KT101T Datasheet HTML 7Page - COSMO  Electronics Corporation KT101T Datasheet HTML 8Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
No. 61P04125
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KT101T
SHEET 3 OF 8
REV
3
Absolute Maximum Ratings(TA=25℃)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
7
V
Collector current
IC
50
mA
Output
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
250
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 second
Tsol
260
Electro-optical Characteristics(TA=25℃)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Forward voltage
VF
IF=10mA
1.2
1.4
V
Reverse current
IR
VR=4V
10
uA
Input
Terminal capacitance
Ct
V=0, f=1kHZ
30
250
pF
Collector dark current
ICEO
VCE=20V, IF=0
0.1
uA
Collector-emitter breakdown
voltage
BVCEO Ic=0.1mA, IF=0
80
-
-
V
Output
Emitter-collector breakdown
voltage
BVECO IE=0.1mA, IF=0
7
-
-
V
Current transfer ratio
CTR
IF=1mA,
VCE=5V
50
600
%
Collector-emitter saturation
voltage
VCE(sat) IF=10mA, Ic=1mA
0.1
0.2
V
Isolation resistance
Riso
DC500V, 40 to 60%RH
5x10
10
10
11
ohm
Floating capacitance
Cf
V=0, f=1MHZ
0.6
1.0
pF
Rise time
tr
4
us
Transfer
charac-
teristics
Fall time
tf
Vcc=2V,Ic=2mA,RL=100ohm
3
us
Classification table of current transfer
ratio is shown below.
CTR RANK
CTR(%)
KT101TA
63 TO 125
KT101TB
100 TO 200


Similar Part No. - KT101T

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT101TATLD COSMO-KT101TATLD Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101TATRU COSMO-KT101TATRU Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101TBTLD COSMO-KT101TBTLD Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101TBTRU COSMO-KT101TBTRU Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - KT101T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KT101W COSMO-KT101W Datasheet
157Kb / 8P
   4Pin Phototransistor Output
KT101Z COSMO-KT101Z Datasheet
157Kb / 8P
   4Pin Phototransistor Output
logo
Vishay Siliconix
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com