Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ9-K0CW00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LZ9-K0CW00
Description  High Luminous Efficacy Cool White LED Emitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LZ9-K0CW00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LZ9-K0CW00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ9-K0CW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LZ9-00CW00 (1.2-02/07/13)
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
Cool White Bin Coordinates
Bin code
CIEx
CIEy
Bin code
CIEx
CIEy
Bin code
CIEx
CIEy
Bin code
CIEx
CIEy
1U
0.3068
0.3113
1A
0.3048
0.3207
1B
0.3028
0.3304
1V
0.3005
0.3415
0.3144
0.3186
0.313
0.329
0.3115
0.3391
0.3099
0.3509
0.3161
0.3059
0.3144
0.3186
0.313
0.329
0.3115
0.3391
0.3093
0.2993
0.3068
0.3113
0.3048
0.3207
0.3028
0.3304
0.3068
0.3113
0.3048
0.3207
0.3028
0.3304
0.3005
0.3415
1Y
0.3144
0.3186
1D
0.313
0.329
1C
0.3115
0.3391
1X
0.3099
0.3509
0.3221
0.3261
0.3213
0.3373
0.3205
0.3481
0.3196
0.3602
0.3231
0.312
0.3221
0.3261
0.3213
0.3373
0.3205
0.3481
0.3161
0.3059
0.3144
0.3186
0.313
0.329
0.3115
0.3391
0.3144
0.3186
0.313
0.329
0.3115
0.3391
0.3099
0.3509
2U
0.3222
0.3243
2A
0.3215
0.335
2B
0.3207
0.3462
2V
0.3196
0.3602
0.329
0.33
0.329
0.3417
0.329
0.3538
0.329
0.369
0.329
0.318
0.329
0.33
0.329
0.3417
0.329
0.3538
0.3231
0.312
0.3222
0.3243
0.3215
0.335
0.3207
0.3462
0.3222
0.3243
0.3215
0.335
0.3207
0.3462
0.3196
0.3602
2Y
0.329
0.33
2D
0.329
0.3417
2C
0.329
0.3538
2X
0.329
0.369
0.3366
0.3369
0.3371
0.349
0.3376
0.3616
0.3381
0.3762
0.3361
0.3245
0.3366
0.3369
0.3371
0.349
0.3376
0.3616
0.329
0.318
0.329
0.33
0.329
0.3417
0.329
0.3538
0.329
0.33
0.329
0.3417
0.329
0.3538
0.329
0.369
3U
0.3366
0.3369
3A
0.3371
0.349
3B
0.3376
0.3616
3V
0.3381
0.3762
0.344
0.3428
0.3451
0.3554
0.3463
0.3687
0.348
0.384
0.3429
0.3299
0.344
0.3427
0.3451
0.3554
0.3463
0.3687
0.3361
0.3245
0.3366
0.3369
0.3371
0.349
0.3376
0.3616
0.3366
0.3369
0.3371
0.349
0.3376
0.3616
0.3381
0.3762
3Y
0.344
0.3428
3D
0.3451
0.3554
3C
0.3463
0.3687
3X
0.348
0.384
0.3515
0.3487
0.3533
0.362
0.3551
0.376
0.3571
0.3907
0.3495
0.3339
0.3515
0.3487
0.3533
0.362
0.3551
0.376
0.3429
0.3299
0.344
0.3427
0.3451
0.3554
0.3463
0.3687
0.344
0.3428
0.3451
0.3554
0.3463
0.3687
0.348
0.384


Similar Part No. - LZ9-K0CW00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-K0NW00 ETC-LZ9-K0NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-K0W900 ETC-LZ9-K0W900 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-K0WW00 ETC-LZ9-K0WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
More results

Similar Description - LZ9-K0CW00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com