Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S Datasheet(PDF) 9 Page - EPCOS

Part # B32656S
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S Datasheet(HTML) 9 Page - EPCOS

Back Button B32656S_12 Datasheet HTML 5Page - EPCOS B32656S_12 Datasheet HTML 6Page - EPCOS B32656S_12 Datasheet HTML 7Page - EPCOS B32656S_12 Datasheet HTML 8Page - EPCOS B32656S_12 Datasheet HTML 9Page - EPCOS B32656S_12 Datasheet HTML 10Page - EPCOS B32656S_12 Datasheet HTML 11Page - EPCOS B32656S_12 Datasheet HTML 12Page - EPCOS B32656S_12 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1000 480
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+561
T1
192
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+562
T2
192
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+563
T3
144
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+564
T4
192
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+565
T5
192
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+566
T6
192
680 16.0
× 28.5 × 42.0 10
6.0
B32656S0684+577
T7
180
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+561
T1
168
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+562
T2
168
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+563
T3
144
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+564
T4
128
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+565
T5
128
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+566
T6
168
820 18.0
× 32.5 × 42.0 11
6.0
B32656S0824+577
T7
156
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+561
T1
96
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+562
T2
96
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+563
T3
104
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+564
T4
96
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+565
T5
96
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+566
T6
96
1000 20.0
× 39.5 × 42.0 12
6.0
B32656S0105+577
T7
144
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+561
T1
96
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+562
T2
96
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+563
T3
104
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+564
T4
96
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+565
T5
96
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+566
T6
96
1200 20.0
× 39.5 × 42.0 13
5.0
B32656S0125+577
T7
144
B32656S
Snubber (wound)
Page 9 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32656S_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32656S0125561 EPCOS-B32656S0125561 Datasheet
484Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32656S0125562 EPCOS-B32656S0125562 Datasheet
484Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32656S0125563 EPCOS-B32656S0125563 Datasheet
484Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32656S0125564 EPCOS-B32656S0125564 Datasheet
484Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32656S0125565 EPCOS-B32656S0125565 Datasheet
484Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32656S_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com